Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2337 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2337
Description  1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2337 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2337 Datasheet HTML 1Page - Diodes Incorporated AP2337 Datasheet HTML 2Page - Diodes Incorporated AP2337 Datasheet HTML 3Page - Diodes Incorporated AP2337 Datasheet HTML 4Page - Diodes Incorporated AP2337 Datasheet HTML 5Page - Diodes Incorporated AP2337 Datasheet HTML 6Page - Diodes Incorporated AP2337 Datasheet HTML 7Page - Diodes Incorporated AP2337 Datasheet HTML 8Page - Diodes Incorporated AP2337 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP2337
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
AP2337
Document number: DS35060 Rev. 2 - 2
2 of 10
www.diodes.com
September 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
OUT
2
Switch output pin
IN
3
Voltage input pin
Function Block Diagram
Thermal
Sense
OUT
GND
UVLO
Current
Limit
Current
Sense
Discharge
Control
Driver
IN
+
-
15us
Deglitch
Time
Reverse
Voltage
Comparator
Reverse
Current
Limit
0.6ms
Deglitch
Time
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Units
ESD HBM
Human Body Model ESD Protection
3
KV
ESD MM
Machine Model ESD Protection
300
V
VIN
Input Voltage
6.5
V
VOUT
Output Voltage
VIN + 0.3
V
Iload
Maximum Continuous Load Current
Internal Limited
A
TJmax
Maximum Junction Temperature
150
°C
TST
Storage Temperature Range (Note 2)
-65 to 150
°C
Notes:
2. UL Recognized Rating from -30°C to 70°C (Diodes qualified TST from -65°C to 150°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com