Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP02002_1 Datasheet HTML 17Page - Diodes Incorporated AP02002_1 Datasheet HTML 18Page - Diodes Incorporated AP02002_1 Datasheet HTML 19Page - Diodes Incorporated AP02002_1 Datasheet HTML 20Page - Diodes Incorporated AP02002_1 Datasheet HTML 21Page - Diodes Incorporated AP02002_1 Datasheet HTML 22Page - Diodes Incorporated AP02002_1 Datasheet HTML 23Page - Diodes Incorporated AP02002_1 Datasheet HTML 24Page - Diodes Incorporated AP02002_1 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AP02002 Rev. 50
21 of 36
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOT553
SOT553
Dim
Min
Max
Typ
A
0.55
0.60
0.60
c
0.10
0.18
0.15
D
1.50
1.70
1.60
E
1.55
1.70
1.60
E1
1.10
1.25
1.20
L
0.10
0.30
0.20
b
0.15
0.30
0.20
e
0.50 Typ
e1
1.00 Typ
a
6°
8°
7°
All Dimensions in mm
SOT563
SOT563
Dim
Min
Max
Typ
A
0.15
0.30
0.20
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
-
-
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.55
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.11
All Dimensions in mm
SOT666
SOT666
Dim
Min
Max
Typ
A
0.15
0.30
0.20
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
-
0.50
-
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.55
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.15
All Dimensions in mm
c
L
A
D
E
E1
b (5 places)
e1
e
a
A
M
L
B
C
H
K
G
D
A
M
L
B C
H
K
G
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com