Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3232 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3232
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3232_10 Datasheet HTML 1Page - Maxim Integrated Products DS3232_10 Datasheet HTML 2Page - Maxim Integrated Products DS3232_10 Datasheet HTML 3Page - Maxim Integrated Products DS3232_10 Datasheet HTML 4Page - Maxim Integrated Products DS3232_10 Datasheet HTML 5Page - Maxim Integrated Products DS3232_10 Datasheet HTML 6Page - Maxim Integrated Products DS3232_10 Datasheet HTML 7Page - Maxim Integrated Products DS3232_10 Datasheet HTML 8Page - Maxim Integrated Products DS3232_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, VBAT, 32kHz, SCL, SDA, RST,
INT/SQW Relative to Ground.............................-0.3V to +6.0V
Junction-to-Ambient Thermal Resistance (
θJC) (Note 1)..55.1°C/W
Junction-to-Case Thermal Resistance (
θJC) (Note 1)..........24°C/W
Operating Temperature Range
(noncondensing) .............................................-40°C to +85°C
Junction Temperature ......................................................+125°C
Storage Temperature Range ...............................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature (reflow, 2 times max) ....................+260°C
(See the
Handling, PC Board Layout, and Assembly section.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
2.3
3.3
5.5
Supply Voltage
VBAT
2.3
3.0
5.5
V
Logic 1 Input SDA, SCL
VIH
0.7 x
VCC
VCC +
0.3
V
Logic 0 Input SDA, SCL
VIL
-0.3
+0.3 x
VCC
V
ELECTRICAL CHARACTERISTICS
(VCC = 2.3V to 5.5V, VCC = active supply (see Table 1), TA = -40°C to +85°C, unless otherwise noted.) (Typical values are at VCC =
3.3V, VBAT = 3.0V, and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 3.3V
200
Active Supply Current
ICCA
32kHz output off
(Notes 4, 5)
VCC = 5.5V
325
µA
VCC = 3.3V
120
Standby Supply Current
ICCS
I2C bus inactive, 32kHz
output off, SQW output off
(Note 5)
VCC = 5.5V
160
µA
VCC = 3.3V
500
Temperature Conversion Current
ICCSCONV
I2C bus inactive, 32kHz
output off, SQW output off
VCC = 5.5V
600
µA
Power-Fail Voltage
VPF
2.45
2.575
2.70
V
ACTIVE SUPPLY (Table 1 ) (2.3V to 5.5V, TA = -40°C to +85°C, unless otherwise noted) (Note 2)
Logic 1 Output, 32kHz
IOH = -1mA
IOH = -0.75mA
IOH = -0.14mA
VOH
Active supply > 3.3V,
3.3V > active supply > 2.7V,
2.7V > active supply > 2.3V
2.0
V
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com