Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AS1PD
Description  Standard Avalanche Surface Mount Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS1PD Datasheet(HTML) 1 Page - Vishay Siliconix

  AS1PD Datasheet HTML 1Page - Vishay Siliconix AS1PD Datasheet HTML 2Page - Vishay Siliconix AS1PD Datasheet HTML 3Page - Vishay Siliconix AS1PD Datasheet HTML 4Page - Vishay Siliconix AS1PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89290
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Avalanche Surface Mount Rectifiers
AS1PD thru AS1PM
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters,
converters,
and
freewheeling
diodes
for
consumer, automotive, and telecommunication.
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Controlled avalanche characteristics
• Low forward voltage drop
• Low leakage current
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Note
(1) Mounted on 5 mm x 5 mm pad areas PCB
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
200 V to 1000 V
IFSM
30 A
IR
0.3 μA
VF at IF = 1.5 A
0.89 V
EAS
20 mJ
TJ max.
175 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS1PD
AS1PG
AS1PJ
AS1PK
AS1PM
UNIT
Device marking code
ASD
ASG
ASJ
ASK
ASM
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum DC forward current (see fig. 1)
IF (1)
1.5
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Non-repetitive avalanche energy
at IAS = 1.0 A, TA = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - AS1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS1PD VISHAY-AS1PD Datasheet
105Kb / 4P
Standard Avalanche Surface Mount Rectifiers
14-Aug-13
AS1PD VISHAY-AS1PD Datasheet
98Kb / 4P
Standard Avalanche Surface Mount Rectifiers
20-Feb-2020
AS1PD VISHAY-AS1PD_13 Datasheet
105Kb / 4P
Standard Avalanche Surface Mount Rectifiers
14-Aug-13
AS1PD VISHAY-AS1PD_V01 Datasheet
98Kb / 4P
Standard Avalanche Surface Mount Rectifiers
20-Feb-2020
More results

Similar Description - AS1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS3PD VISHAY-AS3PD Datasheet
92Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
13-Jul-11
AS4PD VISHAY-AS4PD Datasheet
93Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
13-Jul-11
AS3BJ VISHAY-AS3BJ Datasheet
88Kb / 4P
Avalanche Surface Mount Rectifiers
31-May-11
AS1PD VISHAY-AS1PD_13 Datasheet
105Kb / 4P
Standard Avalanche Surface Mount Rectifiers
14-Aug-13
AS4PGHM386A VISHAY-AS4PGHM386A Datasheet
89Kb / 5P
High Current Density Standard Avalanche Surface Mount Rectifiers
14-Aug-13
AS1FD VISHAY-AS1FD Datasheet
114Kb / 5P
Standard Avalanche Surface-Mount Rectifiers
30-Sep-2020
AS1PD VISHAY-AS1PD_V01 Datasheet
98Kb / 4P
Standard Avalanche Surface Mount Rectifiers
20-Feb-2020
AS3BD VISHAY-AS3BD_V01 Datasheet
100Kb / 4P
Standard Avalanche Surface-Mount Rectifiers
20-Feb-2020
AS3PD VISHAY-AS3PD_V01 Datasheet
109Kb / 5P
High Current Density Standard Avalanche Surface-Mount Rectifiers
15-Apr-2020
AS4PD VISHAY-AS4PD_V01 Datasheet
107Kb / 5P
High Current Density Standard Avalanche Surface-Mount Rectifiers
23-Nov-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com