Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3282EMRTEP Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL3282EMRTEP
Description  RS-485/RS-422 Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282EMRTEP Datasheet(HTML) 2 Page - Intersil Corporation

  ISL3282EMRTEP Datasheet HTML 1Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 2Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 3Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 4Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 5Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 6Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 7Page - Intersil Corporation ISL3282EMRTEP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISL3282EMRTEP
2
FN7595.1
February 15, 2011
Ordering Information
PART NUMBER
(Notes 1, 2)
VENDOR ITEM DRAWING
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Tape and Reel)
(Pb-Free)
ISL3282EMRTEP-T
V62/10601-01XB
282
-55 to +125
8 Ld TDFN
ISL3282EMRTEP-TK
V62/10601-01XB
282
-55 to +125
8 Ld TDFN
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Please refer to TB347 for details on reel specifications.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL3282EMRTEP. For more information on MSL please see techbrief
TB363.
Truth Table
RECEIVING
INPUTS
OUTPUT
RE
A - B
RO
0
≥ -0.05V
1
0
≤ -0.2V
0
0
Inputs Open/Shorted
1
1X
High-Z*
Pin Configurations
ISL3282EMRTEP
(8 LD TDFN)
TOP VIEW
2
3
4
1
7
6
5
8
RO
GND
NC
VCC
B
RE
VL
A
R
Pin Descriptions
PIN NAME
FUNCTION
RO
Receiver output: If A - B
≥ -50mV, RO is high; If A - B ≤ -200mV, RO is low; RO = High if A and B are unconnected (floating) or shorted.
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. If the Rx enable function isn’t used, connect
RE directly to GND. RE is internally pulled high.
GND
Ground connection. This is also the potential of the TDFN thermal pad.
A
±16.5kV IEC61000 ESD Protected RS-485, RS-422 level, noninverting receiver input.
B
±16.5kV IEC61000 ESD Protected RS-485, RS-422 level, inverting receiver input.
VCC
System power supply input (3.0V to 5.5V). On devices with a VL pin, power-up VCC first.
VL
Logic-Level Supply which sets the VIL/VIH levels for the RE pin, and sets the VOH level of the RO output. Power-up this supply after VCC, and
keep VL ≤ VCC.
NC
No Connection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com