Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 5Page - Intersil Corporation ISL28107 Datasheet HTML 6Page - Intersil Corporation ISL28107 Datasheet HTML 7Page - Intersil Corporation ISL28107 Datasheet HTML 8Page - Intersil Corporation ISL28107 Datasheet HTML 9Page - Intersil Corporation ISL28107 Datasheet HTML 10Page - Intersil Corporation ISL28107 Datasheet HTML 11Page - Intersil Corporation ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
FN6631.3
September 9, 2010
VOH
Output Voltage High
RL = 10kΩ to ground
3.5
3.7
V
3.2
V
RL = 2kΩ to ground
3.3
3.55
V
3.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-3.7
-3.5
V
-3.2
V
RL = 2kΩ to ground
-3.55
-3.3
V
-3.1
V
IS
Supply Current/Amplifier
RL = Open
0.21
0.29
mA
0.35
mA
ISC
Output Short-Circuit Current
(Note 9)
± 40
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
THD + N
Total Harmonic Distortion +
Noise
1kHz, G = 1, VO = 2.5VRMS, RL = 2kΩ
0.0053
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kΩ
0.32
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
370
ns
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ,
RL =2kΩ to VCM
12.4
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ,
RL =2kΩ to VCM
22
µs
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
9. Output Short Circuit Current is the minimum current (source or sink) when the output is driven into the supply rails with
RL =0Ω to ground.
Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT
ISL28107, ISL28207, ISL28407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com