Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR293P Datasheet(PDF) 2 Page - Rohm

Part # 2SCR293P
Description  Midium Power Transistors (30V / 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR293P Datasheet(HTML) 2 Page - Rohm

  2SCR293P Datasheet HTML 1Page - Rohm 2SCR293P Datasheet HTML 2Page - Rohm 2SCR293P Datasheet HTML 3Page - Rohm 2SCR293P Datasheet HTML 4Page - Rohm 2SCR293P Datasheet HTML 5Page - Rohm 2SCR293P Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
2SCR293P
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
30
-
-
V
IC= 1mA
Collector-base breakdown voltage
BVCBO
30
-
-
V
IC= 10μA
Emitter-base breakdown voltage
BVEBO
6-
-
V
IE= 10μA
Collector cut-off current
ICBO
-
-
100
nA VCB= 30V
Emitter cut-off current
IEBO
-
-
100
nA VEB= 6V
Collector-emitter staturation voltage
VCE(sat)
-
120
350
mV IC= 500mA, IB= 25mA
DC current gain
hFE
270
-
680
-
VCE= 2V, IC= 100mA
Turn-on time
ton
-90
-
ns
Storage time
tstg
-
300
-
ns
Fall time
tf
-60
-
ns
*1 Pulsed
*2 See switching time test circuit
Conditions
Parameter
MHz
320
-
VCE= 2V
IE=-100mA, f=100MHz
Transition frequency
fT
-
VCB= 10V, IE=0A
f=1MHz
-
IC= 500mA, IB1= 25mA,
IB2= -25mA, VCC 5V
7
-pF
Collector output capacitance
Cob
*2
*2
*2
*1
*1
~_
2/5
2010.12 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com