Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA00DD0WHFP Datasheet(PDF) 2 Page - Rohm

Part # BA00DD0WHFP
Description  Standard Variable Output LDO Regulators with Shutdown Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WHFP Datasheet(HTML) 2 Page - Rohm

  BA00DD0WHFP Datasheet HTML 1Page - Rohm BA00DD0WHFP Datasheet HTML 2Page - Rohm BA00DD0WHFP Datasheet HTML 3Page - Rohm BA00DD0WHFP Datasheet HTML 4Page - Rohm BA00DD0WHFP Datasheet HTML 5Page - Rohm BA00DD0WHFP Datasheet HTML 6Page - Rohm BA00DD0WHFP Datasheet HTML 7Page - Rohm BA00DD0WHFP Datasheet HTML 8Page - Rohm BA00DD0WHFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Note
BA00DD0WCP-V5,BA00DD0WHFP,BA00DD0WT,
BA00CC0WT,BA00CC0WT-V5,BA00CC0WCP-V5,BA00CC0WFP
2/9
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
Parameter
Symbol
Limits
Unit
Input Power Supply Voltage
*1
Vcc
-0.3 ~ +35
V
Power Dissipation
Pd
2300(HRP5)
mW
1300(TO252-5)
2000(TO220FP-5)
Operating Temperature Range
Topr
-40 ~ +125
℃
Ambient Storage Temperature
Tstg
-55 ~ +150
℃
Junction Temperature
Tjmax
+150
℃
Output Control Terminal Voltage
VCTL
-0.3 ~ +Vcc
V
Voltage Applied to the Tip
*3
Vcc peak
+50
V
*1
Must not exceed Pd
*2
HRP5 : In cases in which Ta≥25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 18.4 mW/℃.
TO252-5 : In cases in which Ta≥25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 10.4 mW/℃.
TO252FP-5 : No heat sink. When Ta≥25℃, the power is reduced by 16 mW/℃.
*
3
Applied voltage: 200msec or less (tr≥1msec)
●
Recommended Operating Range (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input PowerSupply Voltage
BA00CC0□□
Vcc
4.0
25.0
V
BA00DD0□□
3.0
25.0
Output Current
BA00CC0□□
Io
-
1
A
BA00DD0□□
-
2
Output Control Terminal Voltage
VCTL
0
Vcc
V
●
Electrical Characteristics(ABRIDGED)
BA00CC0□□ Series (unless specified otherwise, Ta=25℃, Vcc=10V, VCTL=5V, Io=500mA, R1=2.2kΩ, R2=6.8kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
C-terminal Voltage
Vc
1.200
1.225
1.250
V
Io=50mA
Circuit Current at the Time of Shutdown
Isd
-
0
10
µA
VCTL=0V
Minimum I/O Voltage Difference
Δ
Vd
-
0.3
0.5
V
Vcc= 0.95×Vo
Output Current Capacity
Io
1.0
-
-
A
Input Stability
Reg.I
-
20
100
mV
Vcc= 6V→25 V
Load Stability
Reg.L
-
50
150
mV
Io=5mA→1A
Output Voltage Temperature Coefficient
*
TCVO
-
±
0.02
-
%/℃
Io=5mA ,Tj=0~125℃
*Design guarantee (100% shipping inspection not performed)
BA00DD0□□ Series (unless specified otherwise, Ta=25℃, Vcc=8V, VCTL=3V, Io=500mA, R1=15kΩ, R2=44kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
C-terminal Voltage
VADJ
1.257
1.270
1.283
V
Io=100mA
Circuit Current at the Time of Shutdown
Isd
-
0
10
µA
VCTL=0V
Minimum I/O Voltage Difference
Δ
Vd
-
0.45
0.7
V
Vcc= 0.95×Vo, Io=2A
Output Current Capacity
Io
2.0
-
-
A
Input Stability
Reg.I
-
15
35
mV
Vcc= 5.7V→25 V, Io=200mA
Load Stability
Reg.L
-
50
100
mV
Io=0mA→2A
Output Voltage Temperature Coefficient
*
TCVO
-
±
0.02
-
%/℃
Io=5mA ,Tj=0~125℃
*Design guarantee (100% shipping inspection not performed)
MAX200msec
(Voltage Supply more than 35V)
50V
35V
0V
tr≧1msec



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com