Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0WT Datasheet(PDF) 2 Page - Rohm

Part # BA03CC0WT
Description  Standard Fixed Output LDO Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0WT Datasheet(HTML) 2 Page - Rohm

  BA03CC0WT_11 Datasheet HTML 1Page - Rohm BA03CC0WT_11 Datasheet HTML 2Page - Rohm BA03CC0WT_11 Datasheet HTML 3Page - Rohm BA03CC0WT_11 Datasheet HTML 4Page - Rohm BA03CC0WT_11 Datasheet HTML 5Page - Rohm BA03CC0WT_11 Datasheet HTML 6Page - Rohm BA03CC0WT_11 Datasheet HTML 7Page - Rohm BA03CC0WT_11 Datasheet HTML 8Page - Rohm BA03CC0WT_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Note
2/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
●
Line up matrix
■
1A BA□□CC0 Series
Part Number
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10
12
15
Package
BA□□CC0WT
○
○
○
-
○
○
○
○
○
-
TO220FP-5
BA□□CC0WFP
-
○
○
○
○
○
○
-
○
-
TO252-5
BA□□CC0T
○
○
○
○
○
○
○
○
○
○
TO220FP-3
BA□□CC0FP
○
○
○
○
○
○
○
○
○
○
TO252-3
■
2A BA□□DD0 Series
品
名
1.5
1.8
2.5
3.0
3.3
5.0
9.0
12
16
パッケージ
BA□□DD0WT
○
○
○
○
○
○
○
○
○
TO220FP-5
BA□□DD0WHFP
○
○
○
○
○
○
○
○
○
HRP5
BA□□DD0T
○
○
○
○
○
○
○
○
○
TO220FP-3
Part Number
: BA□□CC0□□
Part Number
: BA□□DD0□□
a
b c
a
b c
Symbol
Details
Symbol
Details
a
Output Voltage Designation
a
Output Voltage Designation
□□
Output Voltage
(V)
□□
Output Voltage
(V)
□□
Output Voltage
(V)
□□
Output Voltage
(V)
03
3.0V(Typ.)
08
8.0V(Typ.)
15
1.5V(Typ.)
50
5.0V(Typ.)
033
3.3V(Typ.)
09
9.0V(Typ.)
18
1.8V(Typ.)
90
9.0V(Typ.)
05
5.0V(Typ.)
J0
10.0V(Typ.)
25
2.5V(Typ.)
J2
12.0V(Typ.)
06
6.0V(Typ.)
J2
12.0V(Typ.)
30
3.0V(Typ.)
J6
16.0V(Typ.)
07
7.0V(Typ.)
J5
15.0V(Typ.)
33
3.3V(Typ.)
b
Switch:”With W”:Shutdown switch included
”Without W”:Shutdown switch not included
b
Switch:”With W” :Shutdown switch included
”Without W”:Shutdown switch not included
c
Package T
: TO220FP-5,TO220FP-3
FP : TO252-5,TO252-3
c
Package T
: TO220FP-5,TO220FP-3
HFP: HRP5
●
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Input Power Supply Voltage
*1
VCC
-0.3~+35
V
Power Dissipation
*2
Pd
2300(HRP5)
mW
1300(TO252-5)
1200(TO252-3)
2000(TO220FP-3,5)
Operating Temperature Range
Topr
-40~+125
℃
Ambient Storage Temperature
Tstg
-55~+150
℃
Junction Temperature
TjMAX.
+150
℃
Output Control Terminal Voltage
*3
Vctl
-0.3~+Vcc
V
Voltage Applied to the Tip
*4
VCC peak
+50
V
*1 Must not exceed Pd
*2 HRP5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 18.4 mW/℃.
TO252FP-3 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 9.6 mW/℃.
TO252FP-5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 10.4 mW/℃.
TO220FP-5 : No heat sink. When Ta≧25℃, the power is reduced by 16 mW/℃.
*3 Only for models with shutdown switches.
*4 Applied voltage : 200msec or less (tr≥1msec)
MAX200msec
(Voltage Supply more than 35V)
50V
35V
0V
tr≧1msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com