Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3308F Datasheet(PDF) 7 Page - Rohm

Part # BA3308F
Description  Preamps with Built-in ALC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308F Datasheet(HTML) 7 Page - Rohm

Back Button BA3308F Datasheet HTML 2Page - Rohm BA3308F Datasheet HTML 3Page - Rohm BA3308F Datasheet HTML 4Page - Rohm BA3308F Datasheet HTML 5Page - Rohm BA3308F Datasheet HTML 6Page - Rohm BA3308F Datasheet HTML 7Page - Rohm BA3308F Datasheet HTML 8Page - Rohm BA3308F Datasheet HTML 9Page - Rohm BA3308F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BA3308F,BA3308FV
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Measurement circuit
●
Application circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ALC
V
V
V
V
V
V
10k
10μF
120k
1.2k
33k
0.1μF
SW4A
100μF
SW2A
V2
22k
2
1
3
SW6A
30k
INPUT1
SW3A
3.9k
3.9k
SW3B
30k
INPUT2
SW6B
SW1B
3
2
1
V2
2.2k
SW2B
100μF
39Ω
SW4B
2
1
0.1μF
1.2k
120k
10μF
10kΩ
330μF
220Ω
SW5
22μF
1M
VCC
OUTPUT1
OUTPUT2
2
1
33k
V1
V1
39Ω
Fig.18
For playback, connect the following NAB time constant circuit between
pins 11 and 1 and pins 10 and 7 in place of R5 and R6.
INPUT1
INPUT2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ALC
10μF
100μF
100μF
39Ω
10μF
330μF
220Ω
22μF
VCC=7V
3.9kΩ
3.9kΩ
10μF
10μF
R4
C4
R6
18kΩ
C6
OUTPUT2
R8
1MΩ
R7
C7
C8
18kΩ
R5
C5
OUTPUT1
39Ω
R3
R1
R2
C3
C2
C5
C9 (C10)
0.027
μF
R9 (R10)
120kΩ
R11 (R12)
4.3kΩ
Fig.17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com