Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472F Datasheet(PDF) 7 Page - Rohm

Part # BA3472F
Description  High Speed with High Voltage Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472F Datasheet(HTML) 7 Page - Rohm

Back Button BA3472F Datasheet HTML 3Page - Rohm BA3472F Datasheet HTML 4Page - Rohm BA3472F Datasheet HTML 5Page - Rohm BA3472F Datasheet HTML 6Page - Rohm BA3472F Datasheet HTML 7Page - Rohm BA3472F Datasheet HTML 8Page - Rohm BA3472F Datasheet HTML 9Page - Rohm BA3472F Datasheet HTML 10Page - Rohm BA3472F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Technical Note
7/20
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3472F,BA3472FV,BA3472FVM,BA3472RFVM,
BA3474F,BA3474FV,BA3474RFV
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.00.5
1.01.5
2.02.5
TIME[μs]
INPUT
OUTPUT
BA3472 ファミリ
-10
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY[kHz]
-180
-150
-120
-90
-60
-30
0
PHASE
GAIN
BA3472 ファミリ
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
BA3472 ファミリ
36V
30V
15V
5V
3V
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
BA3472 ファミリ
-40℃
25℃
85℃
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
BA3472 ファミリ
10V
30V
36V
40
50
60
70
80
90
100
110
120
130
140
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
BA3472 ファミリ
-40℃ 25℃
85℃
40
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
BA3472 ファミリ
5V
30V
36V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
BA3472 ファミリ
5V
30V
36V
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
-40℃ 25℃ 85℃
BA3472 ファミリ
Fig.18
同相信号除去比-温度特性
Fig.14
入力バイアス電流-温度特性
Fig.15
大振幅電圧利得-電源電圧特性
Fig.16
大振幅電圧利得-温度特性
Fig.17
同相信号除去比-電源電圧特性
Fig.19
スルーレート(L-H)-電源電圧特性
RL=10[kΩ]
Fig.13
入力バイアス電流-電源電圧特性
Fig.20
スルーレート(L-H)-温度特性
RL=10[kΩ]
Fig.21
電圧利得-周波数特性
(VCC/VEE=+15[V]/-15[V],Av=40[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.22
大信号応答特性
(VCC/VEE=+15[V]/-15[V],Av=0[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
50
60
70
80
90
100
110
120
130
140
150
5
10
15202530
3540
SUPPLY VOLTAGE[V]
-40℃
25℃
85℃
BA3472 ファミリ
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
01
23
456
78
TIME[μs]
OUTPUT
INPUT
BA3472 ファミリ
Fig.23
小信号入出力波形
(VCC/VEE=+15[V]/-15[V],Av=0[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
●
Reference Data BA3472 family
(
)
(
)
BA3472 family
BA3472 family
BA3472 family
BA3472 family
BA3472 family
BA3472 family
BA3472 family
BA3472 family
Fig.13
Input Bias Current - Supply voltage
Fig.14
Input Bias Current - Ambient Temperature
Fig.16
Large Signal Voltage Gain
-Ambient Temperature
Fig.17
Common Mode Rejection Ratio
-Supply Voltage
Fig.18
Common Mode Rejection Ratio
-Ambient Temperature
Fig.19
Slew Rate L-H - Supply Voltage
(RL=10[kΩ])
Fig.20
Slew Rate L-H - Ambient Temperature
(RL=10[kΩ])
Fig.21
Voltage Gain - Frequency
(VCC=7.5[V]/-7.5[V], Av=40[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.22
Input / Output Voltage - Time
(VCC/VEE=15[V]/-15[V], Av=0[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.23
Input / Output Voltage - Time
(VCC/VEE=15[V]/-15[V], Av=0[dB],
RL=2[kΩ], CL=100[pF], Ta=25[℃])
BA3472 family
BA3472 family
BA3472 family
Fig.15
Large Signal Voltage Gain
-Supply Voltage
(*)The data above is ability value of sample, it is not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com