Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL8PR22 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL8PR22
Description  5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8PR22 Datasheet(HTML) 1 Page - Sharp Corporation

  GL8PR22 Datasheet HTML 1Page - Sharp Corporation GL8PR22 Datasheet HTML 2Page - Sharp Corporation GL8PR22 Datasheet HTML 3Page - Sharp Corporation GL8PR22 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
68
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
GL8tt22 series
(Unit : mm)
LED Lamp
GL8tt22 series
s Outline Dimensions
Colored diffusion
5.0
0.5
±0.1
2.54NOM
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
DC
Pulse
GL8PR22
GL8HD22
GL8HS22
GL8HY22
GL8EG22
GL8KG22
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
23
84
84
84
50
84
10
30
30
30
30
30
0.13
0.40
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
0.67
260
260
260
260
260
260
50
50
50
50
50
50
5
5
5
5
5
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL8PR22
GL8HD22
GL8HS22
GL8HY22
GL8EG22
GL8KG22
TYP
MAX
1.9
2.0
2.0
2.0
2.1
2.1
2.3
2.8
2.8
2.8
2.8
2.8
695
635
610
585
565
555
5
20
20
10
20
20
5
20
20
10
20
20
5
20
20
20
20
20
10
10
10
10
10
10
4
4
4
4
4
4
55
20
15
35
35
40
1
1
1
1
1
1
→
→
→
→
→
→
100
35
35
30
30
25
1.2
8.0
5.0
5.0
6.0
3.5
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
diffusion
s Electro-optical Characteristics
5.0!5.0mm, Square Type, Colored
Diffusion LED Lamps for
Indicator


Similar Part No. - GL8PR22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL8PR22 ETC-GL8PR22 Datasheet
87Kb / 4P
LED LAMP
GL8PR22 ETC1-GL8PR22 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL8PR22

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL2PR6 SHARP-GL2PR6 Datasheet
91Kb / 4P
첩2mm, Convex Type, Colored Diffusion LED Lamps for Indicator
GL4PR8 SHARP-GL4PR8 Datasheet
81Kb / 4P
첩4mm, Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL8HD23 SHARP-GL8HD23 Datasheet
95Kb / 4P
2.0X4.5mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8HD48 SHARP-GL8HD48 Datasheet
100Kb / 4P
3.0X3.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8PR26 SHARP-GL8PR26 Datasheet
79Kb / 4P
2.0X5.0mm, Rectangle Type(Flangeless), Colored Diffusion LED Lamps for Indicator
GL8PR29 SHARP-GL8PR29 Datasheet
86Kb / 4P
2.0X3.2mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8PR42 SHARP-GL8PR42 Datasheet
80Kb / 4P
2.0X4.0mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL8KG26 ETC-GL8KG26 Datasheet
80Kb / 4P
2.055.0mm, Rectangle Type(Flangeless), Colored Diffusion LED Lamps for Indicator
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
Convex Type, Colored Diffusion LED Lamps for Indicator
logo
Sharp Corporation
GL4HY8 SHARP-GL4HY8 Datasheet
121Kb / 6P
4mm, CYLINDER TYPE, COLORED DIFFUSION LED LAMPS FOR INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com