Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 11 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 11 Page - ams AG

Back Button AS5215_1 Datasheet HTML 7Page - ams AG AS5215_1 Datasheet HTML 8Page - ams AG AS5215_1 Datasheet HTML 9Page - ams AG AS5215_1 Datasheet HTML 10Page - ams AG AS5215_1 Datasheet HTML 11Page - ams AG AS5215_1 Datasheet HTML 12Page - ams AG AS5215_1 Datasheet HTML 13Page - ams AG AS5215_1 Datasheet HTML 14Page - ams AG AS5215_1 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
11 - 24
AS5215
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.1.2 Magnet Thickness
Figure 6 shows the relationship of the peak amplitude in a rotating system (essentially the magnetic field strength of the Bz field component) in
relation to the thickness of the magnet. The X-axis shows the ratio of magnet thickness (or height) [h] to magnet diameter [d] and the Y-axis
shows the relative peak amplitude with reference to the recommended magnet (d=6mm, h=2.5mm). This results in an h/d ratio of 0.42.
Figure 6. Relationship of Peak Amplitude vs. Magnet Thickness
As the graph in Figure 6 shows, the amplitude drops significantly at h/d ratios below this value and remains relatively flat at ratios above 1.3.
Therefore, the recommended thickness of 2.5mm (at 6mm diameter) should be considered as the low limit with regards to magnet thickness.
It is possible to get 40% or more signal amplitude by using thicker magnets. However, the gain in signal amplitude becomes less significant for h/
d ratios >~1.3. Therefore, the recommended magnet thickness for a 6mm diameter magnet is between 2.5 and ~8 mm.
Bz amplitude vs. magnet thickness
of a cylindrical diametric magnet with 6mm diameter
0%
20%
40%
60%
80%
100%
120%
140%
160%
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
thickness to diameter [h/d] ratio
d= 6mm x h= 2.5mm ref. magnet:
h/d = 0.42
Rel. amplitude = 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com