Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT-001 Datasheet(PDF) 12 Page - ams AG

Part # AS8530-ASOT-001
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT-001 Datasheet(HTML) 12 Page - ams AG

Back Button AS8530-ASOT-001 Datasheet HTML 8Page - ams AG AS8530-ASOT-001 Datasheet HTML 9Page - ams AG AS8530-ASOT-001 Datasheet HTML 10Page - ams AG AS8530-ASOT-001 Datasheet HTML 11Page - ams AG AS8530-ASOT-001 Datasheet HTML 12Page - ams AG AS8530-ASOT-001 Datasheet HTML 13Page - ams AG AS8530-ASOT-001 Datasheet HTML 14Page - ams AG AS8530-ASOT-001 Datasheet HTML 15Page - ams AG AS8530-ASOT-001 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 1.0
12 - 32
AS8530
Datasheet - Electrical Character i s t ics
6.7 Two Port Serial Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
BR2WIRE_SPI
Bit rate
250
Kbps
TENSCLK_H
Clock high time
2
µs
TENSCLK_L
Clock low time
2
µs
Write timing
tDI_SU
Data in setup time
20
ns
tDI_HD
Data in hold time
10
ns
Read timing
tDO_S
Data out setup time
130
ns
tDO_HD
Data out hold time
135
ns
tDO_D
Data out delay
80
ns
tDI_HZ
Data in to high impedance delay
Time for the Microcontroller to release
the TX bus
80
ns
Timing parameters when entering 2-Wire SP mode
Ttx_su
TX setup time before EN goes Low
20
ns
Ttx_hd
TX hold time after EN goes High
20
ns
Ttx_SP_trigger
EN falling edge to TX falling edge
To enter into 2-Wire SP mode
2
10
µs
TSTNDY_trigger
TX high time from EN falling edge
To enter into Sleep/Standby mode
5
cycles
Ten_ENSCLK
EN falling edge to start of 2-wire serial
port clock
5
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com