Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOT-002 Datasheet(PDF) 4 Page - ams AG

Part # AS8530-ASOT-002
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOT-002 Datasheet(HTML) 4 Page - ams AG

  AS8530-ASOT-002 Datasheet HTML 1Page - ams AG AS8530-ASOT-002 Datasheet HTML 2Page - ams AG AS8530-ASOT-002 Datasheet HTML 3Page - ams AG AS8530-ASOT-002 Datasheet HTML 4Page - ams AG AS8530-ASOT-002 Datasheet HTML 5Page - ams AG AS8530-ASOT-002 Datasheet HTML 6Page - ams AG AS8530-ASOT-002 Datasheet HTML 7Page - ams AG AS8530-ASOT-002 Datasheet HTML 8Page - ams AG AS8530-ASOT-002 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 1.0
4 - 32
AS8530
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Special Requirements
Description
1EN
Digital input with
pull-down
2kV ESD
Enable high-voltage compatible pin with pull down
to VSS and ½ VCC trigger level, active high.
2VSUP
Supply pad
Load dump (42V max),
4kV HBM ESD,
Jump start (27V max)
Battery supply
3
LIN
Analog I/O
Conforms to LIN 2.1,
6kV HBM ESD
LIN Bus
4
VSS
Supply pad
5RX
Digital output with
pull-up
2kV ESD
LIN transceiver receive signal, data out in test
mode
6TX
Digital input with
pull-up
LIN transceiver transmit signal, clock in test mode
7
RESET
Digital output
Digital output referenced to VCC, active low
8
VCC
Supply pad
Regulated 5V / 3.3V supply for loads up to 50mA.
OTP selectable
EN
VSUP
LIN
VSS
VCC
RESET
TX
RX
AS8530
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com