Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA9741FS Datasheet(PDF) 1 Page - Rohm

Part # BA9741FS
Description  Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9741FS Datasheet(HTML) 1 Page - Rohm

  BA9741FS Datasheet HTML 1Page - Rohm BA9741FS Datasheet HTML 2Page - Rohm BA9741FS Datasheet HTML 3Page - Rohm BA9741FS Datasheet HTML 4Page - Rohm BA9741FS Datasheet HTML 5Page - Rohm BA9741FS Datasheet HTML 6Page - Rohm BA9741FS Datasheet HTML 7Page - Rohm BA9741FS Datasheet HTML 8Page - Rohm BA9741FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Large Current External FET Controller T ype Switching Regulators
Dual-output Step-up, Negative Voltage,
Step-down Switching Regulators (Controller type)
BA9743AFV, BA9744FV, BA9741F, BA9741FS
Technical Note
1/16
2011.04 -
Rev. B
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
No.11028EBT10


Similar Part No. - BA9741FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9741FS ROHM-BA9741FS Datasheet
110Kb / 5P
Two-channel switching regulator controller
BA9741FS ROHM-BA9741FS Datasheet
214Kb / 6P
2-ch Switching Regulator Controller
BA9741FS ROHM-BA9741FS Datasheet
3Mb / 17P
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9741FS ROHM-BA9741FS Datasheet
4Mb / 17P
A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
More results

Similar Description - BA9741FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
Jun-1994
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
Step-down,High-efficiency Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com