Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1020 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P1020
Description  single- and dual-core communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1020 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P1020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Freescale QorIQ communications platforms
are the next-generation evolution of our
leading PowerQUICC communications
processors. Built using high-performance
Power Architecture® cores, QorIQ platforms
enable a new era of networking innovation
where the reliability, security and quality of
service for every connection matters.
QorIQ P1020 and P1011
Communications Processors
The QorIQ P1 platform series, which includes
the P1020 and P1011 communications
processors, offers the value of extensive
integration and extreme power smarts
for a wide variety of applications in the
networking, telecom, defense and industrial
markets. Based on 45 nm technology for
low power implementation, the P1011 and
P1020 processors provide single- and dual-
core solutions for the 533 MHz to 800 MHz
performance range, along with advanced
security and a rich set of interfaces.
The P1011 and P1020 processors are
perfectly suited for multi-service gateways,
Ethernet switch controllers, wireless LAN
access points and high-performance general-
purpose control processor applications with
tight thermal constraints.
The QorIQ P1011 and P1020 processors are
pin-compatible with the QorIQ P2 platform
products, offering a four-chip range of cost-
effective solutions. Scaling from a single core
at 533 MHz (P1011) to a dual core at 1.2 GHz
per core (P2020), the two QorIQ platforms
deliver an impressive 4.5x aggregate
frequency range.
The devices in these two platforms are
software compatible, sharing the e500
Power Architecture core and peripherals,
as well as being fully software compatible
with the existing PowerQUICC processors.
This enables you to create a product with
multiple performance points from a single
board design. The QorIQ P1020 dual-
core processor supports symmetric and
asymmetric processing, enabling you to
further integrate your design with the same
applications running on each core or serialize
your application using the cores for different
processing tasks.
The P1011 and P1020 processors have an
advanced set of features for ease of use.
The 256 KB L2 cache offers incremental
configuration to partition the cache between
the two cores or to configure it as SRAM or
stashing memory. The integrated security
engine supports the cryptographic algorithms
commonly used in IPsec, SSL, 3GPP and
other networking and wireless security
protocols. The memory controller offers
future-proofing against memory technology
migration with support for both DDR2 and
DDR3. It also supports error correction
codes, a baseline requirement for any
high-reliability system.
QorIQ Communications Platforms
P1 Series
P1011 and P1020 single- and dual-core communications processors
QorIQ P1020 and P1011 Block Diagram
32 KB
L1 I-Cache
Power Architecture®
e500 Core
32 KB
L1 D-Cache
256 KB
L2 Cache
32 KB
L1 I-Cache
Power Architecture
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM Controller
Not on P1011
Coherency Module
System Bus
4-ch. DMA Controller
4-ch. DMA Controller
2 x PCI Express®
On-Chip Network
On-Chip Network
4-lane SerDes
Security
Acceleration
XOR
DUART, 2 x I2C, Timers,
Interrupt Control,
SD/MMC, SPI,
USB 2.0/ULPI
3 x
Gigabit
Ethernet
Enhanced Local Bus
Controller (eLBC)
Cores
TDM


Similar Part No. - P1020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1020 FREESCALE-P1020 Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1020 FREESCALE-P1020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
More results

Similar Description - P1020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
P2010 FREESCALE-P2010 Datasheet
221Kb / 2P
single- and dual-core communications processors
P1020NXE2HFB FREESCALE-P1020NXE2HFB Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1021NSE2HFB FREESCALE-P1021NSE2HFB Datasheet
291Kb / 2P
P1012 and P1021 single- and dual-core communications processors
P1021NXE2HFB FREESCALE-P1021NXE2HFB Datasheet
291Kb / 2P
P1012 and P1021 single- and dual-core communications processors
P1020NXE2DFB FREESCALE-P1020NXE2DFB Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1020NXN2HFB FREESCALE-P1020NXN2HFB Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
communications processors
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com