Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD3870FS Datasheet(PDF) 9 Page - Rohm

Part # BD3870FS
Description  Sound Processors with Built-in 3-band Equalizers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3870FS Datasheet(HTML) 9 Page - Rohm

Back Button BD3870FS Datasheet HTML 5Page - Rohm BD3870FS Datasheet HTML 6Page - Rohm BD3870FS Datasheet HTML 7Page - Rohm BD3870FS Datasheet HTML 8Page - Rohm BD3870FS Datasheet HTML 9Page - Rohm BD3870FS Datasheet HTML 10Page - Rohm BD3870FS Datasheet HTML 11Page - Rohm BD3870FS Datasheet HTML 12Page - Rohm BD3870FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Technical Note
9/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3870FS,BD3871FS,BD3872FS,BD3873FS
C1
C2
R3
R4
IN
R1
+
-
R2

(Hz)
R4
R3
R2
C1C2
R4
R3
R1R2
2 π
1
f0

C2
C1
R1
R4
R3
R2
R1R2R4C1C2
Q



(dB)
1
C1
C2
R4
R3
R2
R1
R2R3
1
C1
C2
R4
R3
R2
R1
R4
R3
R2
20log
G(boost)
●
Description of operations
1) Bass filter
Using external components, center frequencies and Q factors of the bass characteristics are flexible
Fig.5
Standard values of R3, R4 (reference)
(R1=5.6kΩ, R2=390kΩ, C1=C2=0.1µF)
Bass Boost Cut Amount
Resistance (kΩ) * Typ.
R3
R4
0dB
77.64
0
2dB
58.90
18.73
4dB
44.02
33.60
6dB
32.20
45.42
8dB
22.82
54.80
10dB
15.36
62.26
12dB
9.44
68.18
14dB
4.78
72.84
* The actual boost cut amount may deviate from the standard values in some degree.


(
dB)
1
C1
C2
R4
R3
R2
R1
R4
R2(R3
1
C1
C2
R4
R3
R2
R1
R2R3
20log
cut
G
Fig.6
G
f
F0
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com