Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1013 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1013
Description  Embedded processors with advanced energy management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1013 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1013 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1013 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale, the Freescale logo and PowerQUICC are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off.
The Energy Efficient Solutions Logo, QorIQ and QUICC Engine are trademarks of Freescale Semiconductor, Inc. All other
product or service names are the property of their respective owners. The Power Architecture and Power.org word marks
and the Power and Power.org logos and related marks are trademarks and service marks licensed by Power.org.
© 2009, 2010, 2011 Freescale Semiconductor, Inc.
Document Number: QP1022FS / REV 1
System-Level Cost Saving
The P1022 processor’s highly integrated
architecture is designed to enhance
performance and deliver system-level cost
savings in a small board footprint. Key
system-level peripherals include dual Gigabit
Ethernet, dual USB 2.0, dual SATA, SD/
MMC and triple PCI Express interconnects.
Furthermore, the P1022 integrates LCD
controller, I2S audio and VoIP TDM interfaces
for use in creating engaging human interfaces.
Special care was taken to design the P1022
processor’s pin locations for mounting on
low-cost six layer PCBs. The P1022 is a
full-featured, high-performance gigahertz
processor that is designed to support fanless
operation for power-sensitive applications.
Advanced Energy-Efficient Modes
Balancing the performance requirements
for powerful new networking- and Internet-
centric applications, with the increasing
concerns over energy consumption, is driving
manufacturers to develop intelligent strategies
for optimizing performance within specific
energy budgets. This is a key challenge
for the next-generation green embedded
systems. The P1022 processor implements
sophisticated power-saving modes for
managing energy consumption in both
dynamic and static power modes. These
include the traditional nap, doze plus the
jog (dynamic frequency scaling) and packet-
lossless deep-sleep modes. Designers may
leverage these modes to efficiently match
work accomplished with the correct level of
energy consumed.
The combination of these features makes
the P1022 processor an optimal embedded
processing solution for Ethernet or PCI
Express interworking applications, such as
enterprise networking, industrial, storage,
security and office automation applications.
Examples include control plane processing,
protocol processing, media processing while
producing an engaging human machine
interface.
Key Features
• Dual(P1022)orsingle(P1013)high-
performance e500v2 cores built on Power
Architecture technology
36-bit physical addressing
Double precision floating point support
Signal processing engine (SPE) APU
(auxiliary processing unit)
32 KB L1 instruction cache and 32 KB L1
data cache for each core
600 MHz to 1055 MHz core
clock frequency
• 256KBL2cachewithECC,also
configurable as SRAM and stashing
memory
• 64-bitDDR2/DDR3SDRAMmemory
controller with ECC support
• Two10/100/1000Mbpsvirtualized
enhanced three-speed Ethernet controllers
(eTSECs)
TCP/IP acceleration and classification
capabilities
IEEE® 1588 support
Loseless flow control
RMII, RGMII, SGMII
• Integratedsecurityengine(optional)
Crypto algorithm support includes 3DES,
AES,RSA/ECC,MD5/SHA,ARC4,
Kasumi, Snow 3G and FIPS deterministic
RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• High-speedinterfaces(notallavailable
simultaneously)
Six SerDes lanes (multiplexed across
controllers)
Onex4andtwox1PCIExpress
interfaces
Two serial ATA (SATA) interfaces
Two SGMII interfaces
• Audiovisualinterfaces
LCD interface supporting a display of
1280x1024P@60Hz,24bitsperpixel
I2S interface with maximum sampling
frequency of 192 kHz
• VoIPTDMinterface
Support for up to 128 channels
• TwoHigh-SpeedUSBcontrollers(USB2.0)
Host and device support
Enhanced host controller interface (EHCI)
ULPI interface to PHY
• Enhancedsecuredigitalhostcontroller
(SD/MMC)
• Serialperipheralinterface
• Programmableinterruptcontroller(PIC)
compliant with Open-PIC standard
• Dualfour-channelDMAcontrollers
• DualI2C controllers, DUART, timers
• Enhancedlocalbuscontroller(eLBC)
• Advancedpowerandenergymanagement
Low power operation
Support for dynamic and static power
management
Doze, nap and sleep modes for dynamic
power management
Packet-lossless deep sleep: power
removed from major portion of the chip
PMC wake on: filtered LAN activity,
USB connection, GPIO, internal timer or
external interrupt event
• Upto87general-purposesignals
• Availableinextendedtemperature(optional)
• 689-pinTEPBGApackage
Learn More: For current information about Freescale
products and documentation, please visit
freescale.com/QorIQ.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com