Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2990CMS Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2990CMS
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMS Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2990CMS Datasheet HTML 16Page - Linear Technology LTC2990CMS Datasheet HTML 17Page - Linear Technology LTC2990CMS Datasheet HTML 18Page - Linear Technology LTC2990CMS Datasheet HTML 19Page - Linear Technology LTC2990CMS Datasheet HTML 20Page - Linear Technology LTC2990CMS Datasheet HTML 21Page - Linear Technology LTC2990CMS Datasheet HTML 22Page - Linear Technology LTC2990CMS Datasheet HTML 23Page - Linear Technology LTC2990CMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2990

2990f
Typical applicaTions
Wet-Bulb Psychrometer
Liquid-Level Indicator
VCC
V1
LTC2990
5V
µC
GND
470pF
TDRY
TWET
MMBT3904
MMBT3904
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA08
470pF
TINTERNAL
DAMP MUSLIN
WATER
RESERVOIR
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
TWET
REG 6, 7
0.0625°C/LSB
TDRY
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
T
NDS351AN
FAN ENABLE
5V
FAN
FAN: SUNON
KDE0504PFB2
0.1µF
VCC
LTC2990
3.3V
µC
GND
SDA
SCL
ADR0
ADR1
V1
V4
V3
V2
470pF
3.3V
470pF
TINTERNAL
CONTROL REGISTER: 0x5D
TAMB
REG 4, 5
0.0625°C/LSB
THI
REG 6, 7
0.0625°C/LSB
TLO
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
NDS351AN
2290 TA09
HEATER: 75 0.125W
*SENSOR MMBT3904, DIODE CONNECTED
SENSOR LO*
T = ~2.0°C pp, SENSOR HI
~0.2°C pp, SENSOR LO
SENSOR HI*
HEATER ENABLE
2 SECOND PULSE
HEATER ENABLE
SENSOR HI
SENSOR LO
0.1µF
REFERENCES:
http://en.wikipedia.org/wiki/Hygrometer
http://en.wikipedia.org/wiki/Psychrometrics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com