Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

449 Datasheet(PDF) 1 Page - Littelfuse

Part # 449
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

449 Datasheet(HTML) 1 Page - Littelfuse

  449 Datasheet HTML 1Page - Littelfuse 449 Datasheet HTML 2Page - Littelfuse 449 Datasheet HTML 3Page - Littelfuse 449 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
53
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
449 Series
NANO2® > Slo-Blo® > 449 Series
Please refer to www.littelfuse.com/series/449.html for current information.
449 Series Fuse
Description
The lead free NANO2 Slo-Blo® fuse is RoHS compliant,
Halogen Free and 100% lead-free. This product is fully
compatible with lead-free solder alloys and higher
temperature profiles associated with lead-free assembly.
The Slo-Blo® design has enhanced inrush withstand
characteristics over the NANO2 Fast-Acting Fuse. The unique
time delay feature of this fuse design helps solve the
problem of nuisance “opening” by accommodating inrush
currents that normally cause a fast-acting fuse to open.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
375mA - 5A
PS
E
NBK030205
1A - 5A
Electrical Characteristics for Series
Features
% of Ampere
Rating
OpeningTime
100%
4 hours, Minimum
200%
1 sec., Min.; 60 sec., Max.
300%
0.2 sec., Min.; 3 sec., Max
800%
0.02 sec., Min.; 0.1 sec., Max.
Electrical Specifications by Item
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2sec)
Agency Approvals
0.375
0.375
125
50 amperes @125 VAC/
VDC
PSE: 100 amperes
@100 VAC
1.5130
0.088
x
0.500
0.500
125
0.7633
0.258
x
0.750
0.750
125
0.4080
0.847
x
1.00
001.
125
0.2516
1.76
x
x
1.50
01.5
125
0.1186
4.70
x
x
2.00
002.
125
0.0708
6.76
x
x
2.50
02.5
125
0.0400
13.18
x
x
3.00
003.
125
0.0352
19.55
x
x
3.50
03.5
125
0.0261
32.70
x
x
4.00
004.
125
0.0227
40.80
x
x
5.00
005.
125
0.0171
59.59
x
x
Applications
equipment
protection
Secondary protection for space constrained applications:
Free
®
ratings available
temperature range
de-rating
PS
E
PS
E
Notes: - l2t calculated at 8ms. Resistance is measured at 10% of rated current, 25ºC
Revised: December 17, 2010


Similar Part No. - 449

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
449-10-204 MILL-MAX-449-10-204 Datasheet
106Kb / 2P
Interconnect Header.100 Grid; Surface Mount Pin Header
449-10-204-00-560000 MILL-MAX-449-10-204-00-560000 Datasheet
106Kb / 2P
Interconnect Header.100 Grid; Surface Mount Pin Header
449-10-206 MILL-MAX-449-10-206 Datasheet
106Kb / 2P
Interconnect Header .100 Grid; Surface Mount Pin Header
449-10-206-00-560000 MILL-MAX-449-10-206-00-560000 Datasheet
106Kb / 2P
Interconnect Header .100 Grid; Surface Mount Pin Header
449-10-208 MILL-MAX-449-10-208 Datasheet
106Kb / 2P
Interconnect Header .100 Grid; Surface Mount Pin Header
More results

Similar Description - 449

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com