Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3D
Description  Ultra-low Profile Dome Key
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3D Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3D Datasheet HTML 1Page - Omron Electronics LLC B3D Datasheet HTML 2Page - Omron Electronics LLC B3D Datasheet HTML 3Page - Omron Electronics LLC B3D Datasheet HTML 4Page - Omron Electronics LLC B3D Datasheet HTML 5Page - Omron Electronics LLC B3D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ultra-low Profile Dome Key
B3D
271
Recommended Operating Part Form
Dimensions
4 mm Diameter Contact Dome (B3D-4112)
Resin
Entire
circumference: R 0.2
1 dia.
5 mm Diameter Contact Dome (B3D-5112)
Resin
Entire
circumference: R 0.2
1.5 dia.
10
10
10
(54)
25, 7.4 dia.
(54)
10
10
0.3
0.3
Section A
Section A enlarged
10
10
10
10
10
10
(54)
25, 8.4 dia.
(54)
10
10
0.3
10
10
10
0.3
Section A
Section A enlarged
B3D-4112
B3D-5112



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com