Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3WN-6002 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3WN-6002
Description  Sealed Tactile Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3WN-6002 Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3WN-6002 Datasheet HTML 1Page - Omron Electronics LLC B3WN-6002 Datasheet HTML 2Page - Omron Electronics LLC B3WN-6002 Datasheet HTML 3Page - Omron Electronics LLC B3WN-6002 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
240
Sealed Tactile Switch
B3WN
Engineering Data
■ Operating Force vs. Stroke
(Typical Example)
■ Construction
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
2. Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper
part of the rear side of the switch base, the terminal on the top of the logo mark is numbered “1” and that on the bottom is “2.”
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information”
for correct use.
Stroke S (mm)
Pushbutton
Case
Rubber seal
Film
Plunger
Contact dome
Base
Terminal
3.8 dia.
Two, 1
+0.1
0
dia.
B3WN-6002
B3WN-6005
0.2 max.
Note: Switch fixing direction (A and B) on the tape may change.
Surface
A
Surface
B
8±0.2
13±0.2
5±0.2
9
8±0.2
0.9
(0.4)
(0.05)
(0.35)
(Four, C0.1)
C-D Cross-sectional View
Surface A
Surface
A
Surface
B
9
9±0.5
CD
0.5 max.
2 max.
18
+1
0
18
+1
0.5
3.85±0.5
12.7±1
6.35±1
Carrier tape
4±0.2 dia.
Support
tape
12.7±0.3
12.7±0.3
6
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com