Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3WN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3WN
Description  Sealed Tactile Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3WN Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3WN Datasheet HTML 1Page - Omron Electronics LLC B3WN Datasheet HTML 2Page - Omron Electronics LLC B3WN Datasheet HTML 3Page - Omron Electronics LLC B3WN Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sealed Tactile Switch
B3WN
239
Sealed Tactile Switch
B3WN
Double-sealed Construction Assures
Watertight/Dust-tight Protection
• Sealed construction conforming to IP67 (IEC-60529) provides
high reliability even in locations exposed to dust or water.
• 8 mm x 8 mm compact size.
• Allows the use of radial-taping part insertion machines.
• RoHS Compliant
Ordering Information
Note: The switches are tape packaged in units of 1,000 per package. Order in multiples of the package size. Switches are not sold individually.
Important Note:Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value
■ Operating Characteristics
Type
Plunger
Height
Operating force (OF)
Model
8 x 8 mm
13 mm
General-purpose:
200 gf B3WN-6002
High-force:
260 gf B3WN-6005
Contact form
SPST-NO
Switching capacity
50 mA, 12 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 100 VDC)
Dielectric strength
250 VAC, 50/60Hz for 1 min
Bounce time
10 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 784 m/s2 (approx. 80G) max.
Malfunction: 100 m/s2 (approx. 10G) max.
Life expectancy
100,000 operations min.
Ambient operating temperature
–25
°C to 85°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Weight
Approx. 0.7 g
Item
B3WN-6002
B3WN-6005
Operating force (OF)
200
± 70 gf
260
± 70 gf
Releasing force (RF) min.
50 gf
Pretravel (PT)
0.3
mm
+0.2
−0.1


Similar Part No. - B3WN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
Mechanical Key Switch
logo
Omron Electronics LLC
B3WN OMRON-B3WN Datasheet
352Kb / 4P
Sealed Tactile Switch
logo
List of Unclassifed Man...
B3WN-6002 ETC-B3WN-6002 Datasheet
121Kb / 3P
Mechanical Key Switch
logo
Omron Electronics LLC
B3WN-6002 OMRON-B3WN-6002 Datasheet
352Kb / 4P
Sealed Tactile Switch
B3WN-6005 OMRON-B3WN-6005 Datasheet
352Kb / 4P
Sealed Tactile Switch
More results

Similar Description - B3WN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3WN OMRON-B3WN Datasheet
352Kb / 4P
Sealed Tactile Switch
B3S1002P OMRON-B3S1002P Datasheet
244Kb / 3P
Sealed Tactile Switch (SMT)
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
logo
Omron Electronics LLC
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
Sealed Tactile Switch
logo
TE Connectivity Ltd
1571610 TEC-1571610 Datasheet
105Kb / 1P
SWITCH ASSEMBLY, TACTILE, RIGHT ANGLE, SEALED
Rev. C1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com