Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3FS-1012P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3FS-1012P
Description  Tactile Switch (SMD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3FS-1012P Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3FS-1012P Datasheet HTML 1Page - Omron Electronics LLC B3FS-1012P Datasheet HTML 2Page - Omron Electronics LLC B3FS-1012P Datasheet HTML 3Page - Omron Electronics LLC B3FS-1012P Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
248
Tactile Switch (SMD)
B3FS
Engineering Data
■ Operating Characteristics
■ Accessories
See “B32” Tactile Switch Key Top data sheet for keycaps that fit
projected plunger B3FS models.
■ Operating Force vs Stroke
(Typical Example)
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
2. Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper
part of the rear side of the switch base, the terminal on the right of the logo mark is numbered “1” and that on the bottom right is “3.”
Accordingly, two terminals on the left side are numbered “2” and “4” respectively.
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information” for correct use.
Characteristics
B3FS-1000 series
General-purpose
High-force
Operating force (OF)
100
± 30 gf
150
± 50 gf
Releasing force (RF)
20 gf
50 gf
Pretravel (PT)
0.25 +0.2/-0.1 mm
Stroke S (mm)
High-force type
General-purpose type
PCB Pad
(Top View)
(One-side PCB t= 1.6)
Terminal Arrangement/
Internal Connection
(Top View)
4.5
±0.2
3 dia.
8
0.7
0.7
6.3
3.1
±0.2 2.6
9.6
6.4
3.1
5.9
3
1
4
2
4.5
±0.2
3 dia.
8
0.7
0.7
6.3
4.3
2.6
9.6
6.4
3.1
5.9
3
1
4
2
4.5
±0.2
6
8
2.4
±0.1
0.7
0.7
6.3
3.1
1.8
7.3
2.6
9.6
6.4
3.1
5.9
3
1
4
2
Flat Type
B3FS-1000
B3FS-1002
B3FS-1000P
B3FS-1002P
PCB Pad
(Top View)
(One-side PCB t= 1.6)
Terminal Arrangement/
Internal Connection
(Top View)
PCB Pad
(Top View)
(One-side PCB t= 1.6)
Terminal Arrangement/
Internal Connection
(Top View)
Flat Type
B3FS-1010
B3FS-1012
B3FS-1010P
B3FS-1012P
Projected Type
B3FS-1050
B3FS-1052
B3FS-1050P
B3FS-1052P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com