Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD6520F Datasheet(PDF) 7 Page - Rohm

Part # BD6520F
Description  Load Switch ICs for Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6520F Datasheet(HTML) 7 Page - Rohm

Back Button BD6520F Datasheet HTML 3Page - Rohm BD6520F Datasheet HTML 4Page - Rohm BD6520F Datasheet HTML 5Page - Rohm BD6520F Datasheet HTML 6Page - Rohm BD6520F Datasheet HTML 7Page - Rohm BD6520F Datasheet HTML 8Page - Rohm BD6520F Datasheet HTML 9Page - Rohm BD6520F Datasheet HTML 10Page - Rohm BD6520F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD6520F,BD6522F
Technical Note
7/16
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
1
2
3
4
5
6
7
23456
SUPPLY VOLTAGE : VDD [V]
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0
100
200
300
400
500
2
345
6
SUPPLY VOLTAGE : VDD [V]
0
100
200
300
400
500
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0
0.1
0.2
0.3
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
1
10
100
1
10
100
1000
10000
Css [pF]
1
10
100
1
10
100
1000
10000
Css [pF]
0
2
4
6
8
10
12
14
16
23
456
SUPPLY VOLTAGE : VDD [V]
0
2
4
6
8
10
12
14
16
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
Fig.38 Turn Off time
Fig.39 Turn Off time
Fig.40 Switch discharge resistance
Fig.41 Switch discharge resistance
VDD decreasing
VDD increasing
Fig.43 UVLO hysteresis voltage
Fig.44 Turn On time (vs. Css)
Fig.45 Turn Off time (vs. Css)
Fig.46 SSCTL output voltage
Fig.47 SSCTL output voltage
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V
Ta = 25℃
VDD = 5.0V, Ta = 25℃, RL = 10Ω
VDD = 5.0V, Ta = 25℃, RL = 10Ω
VDD = 5.0V
Fig.42 UVLO threshold voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com