Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD8629FS Datasheet(PDF) 9 Page - Rohm

Part # BD8629FS
Description  FET Controller Type 3ch System Power Supply ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8629FS Datasheet(HTML) 9 Page - Rohm

Back Button BD8629FS Datasheet HTML 4Page - Rohm BD8629FS Datasheet HTML 5Page - Rohm BD8629FS Datasheet HTML 6Page - Rohm BD8629FS Datasheet HTML 7Page - Rohm BD8629FS Datasheet HTML 8Page - Rohm BD8629FS Datasheet HTML 9Page - Rohm BD8629FS Datasheet HTML 10Page - Rohm BD8629FS Datasheet HTML 11Page - Rohm BD8629FS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Note
9/11
BD8629FS
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Protection function
Protection circuit is effective for destruction prevention due to accident so that avoid using under continuous protection
operation.
Low voltage protection function (LVP)
The voltage of the terminal FB (2 pins) is compared with internal reference voltage VREF.
If FB terminal voltage falls below VLVP(= VREF -60mV) and the state continues for 500us, output changes to low voltage and
the state is fixed. In that case , PDET (3pin) output changes to L.
Table 1 output low voltage protection function
EN terminal
SS terminal
FB terminal
Low voltage protection
function
Low voltage protection
operation
>VIHEN
>1.4V(typ)
<VLVP
Effective
ON
>VLVP
OFF
<1.4V(typ)
-
Invalidity
OFF
<VILEN
-
-
Invalidity
OFF
*
Low voltage protection function is available when SS terminal voltage becomes more than
1.4V (typ) in the transition to ON control (during soft start).
Over voltage protection function(OVP)
The voltage of the terminal FB is compared with internal reference voltage VREF.
If FB terminal voltage is over Vovp (=VREF +60mV) and the state is continues for 500usec, output changes to low voltage
and the state is fixed.
Table 2 output overvoltage protection function
EN terminal
SS terminal
FB terminal
Over voltage
protection function
Over voltage
protection operation
>VIHEN
>1.4V(typ)
>VOVP
Effective
ON
<VOVP
OFF
<1.4V(typ)
-
Invalidity
OFF
<VILEN
-
-
Invalidity
OFF
*
Over voltage protection function is available when SS terminal voltage becomes more than
1.4V (typ) in the transition to ON control (during soft start).
FB terminal
voltage
VREF
0
ON
OFF
Protection
OVP
LVP
VREF+60mV
VFB
PDET terminal
HIGH
LOW
VREF-60mV
500[us]
500[us]
Fig. 5 Output voltage error detection range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com