Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1F32R Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1F32R
Description  Light Transmitting/Receiving Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F32R Datasheet(HTML) 3 Page - Sharp Corporation

  GP1F32R Datasheet HTML 1Page - Sharp Corporation GP1F32R Datasheet HTML 2Page - Sharp Corporation GP1F32R Datasheet HTML 3Page - Sharp Corporation GP1F32R Datasheet HTML 4Page - Sharp Corporation GP1F32R Datasheet HTML 5Page - Sharp Corporation GP1F32R Datasheet HTML 6Page - Sharp Corporation GP1F32R Datasheet HTML 7Page - Sharp Corporation GP1F32R Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
s Electro-optical Characteristics
( Ta = 25˚C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating voltage
VCC
4.75
5.00
5.25
V
Peak emission wavelength
λP
630
660
690
nm
Fiber coupling light output
PC
∗7
- 21
- 17
- 15
dBm
ICC
∗8-
-
-
410
mA
High level input voltage
VIH
∗82
-
-
V
Low level input voltage
VIL
∗8
-
-
0.8
V
tPLH
∗9
-
-
100
ns
tPHL
∗9
-
-
100
ns
Pulse width distortion
∗9
- 25( - 30)∗∗
-
- 25 (- 30)∗∗
ns
Jitter
∗10
-
1
25(30)∗∗
ns
Operating transfer rate
T
-
--
8
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating voltage
VCC
4.75
5.00
5.25
V
λP
-
-
-
700
-
nm
Maximum input optical power level for receiving unit
∗11
- 14.5
-
-
dBm
Minimum input optical power level for receiving unit
∗11
-
-
- 24
dBm
Dissipation current
ICC
∗12
-
15
40
mA
High level output voltage
VOH
∗13
2.7
3.5
-
V
Low level output voltage
VOL
∗13
-
0.2
0.4
V
Rise time
t r
∗13
-
12
30
ns
Fall time
tf
∗13
-
4
30
ns
∗13
-
-
100
ns
*13
-
-
100
ns
Pulse width distortion
∗13
- 30
-
+ 30
ns
Jitter
∗14
∗14
-
1
30
ns
-
-
30
ns
Operating transfer rate
T
NRZ.
duty 50% input
0.1
-
8
∗∗ Value in parenthesis: GP1F31T
Note 1) VCC = 5.0 ± 0.05V (Operating )
The optical power meter must be calibrated
VCC
GND
Vin
VCC
GP1F31T/GP1F32T/
GP1F33TT
Unit to be measured
Optical power
meter
D
(Anritsu ) ML93
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT, GP1C331/331A/335
(1) Transmitter
GP1F31T/GP1F32T/GP1F33TT/ Transmitting portion of GP1F33RT
GP1F31R/GP1F32R/GP1F33RR/Receiving portion of GP1F33RT
(2) Receiver
Dissipation current
∆
tw
∆
tj
“ Low
→High” propagation delay time
“ High
→Low” propagation delay time
Conditions
Conditions
Peak sensitivity wavelength
“ Low
→High” propagation delay time
“ High
→Low” propagation delay time
∆
tw
∆
tj
P C = -15dBm
P C = -24dBm
∗7 Measuring method of optical output coupling fiber
2) To bundle up the standard fiber cable, make it into a loop with the diameter ( D ) of 10cm or more.
to have the wavelength sensitivity of
Standard optical fiber cable
660nm.
(0dBm = 1mW)
Mbps
( Ta = 25˚C)
PCMAX
PCMIN
Mbps
t PLH
t PHL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com