Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS133 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1SS133
Description  High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS133 Datasheet(HTML) 2 Page - Micro Commercial Components

  1SS133 Datasheet HTML 1Page - Micro Commercial Components 1SS133 Datasheet HTML 2Page - Micro Commercial Components 1SS133 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0.5
1
2
5
10
20
50
100
FORWARD VOLTAGE : VF (V)
Fig. 1 Forward characteristics
0
100˚C
70˚C
50˚C
Ta=25˚C
20
40
60
80
100
120
3
10
30
100
300
1000
3000
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
0
0
10
20
30
0.5
1.0
1.5
2.0
2.5
3.0
515
25
f=1MHz
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
Fig. 4 Reverse recovery time
characteristics
0
0
10
20
30
1
2
3
VR=6V
Irr=1/10IR
FORWARD CURRENT : IF (mA)
0.01
0.1
1
10
100
1000
0.1
0.2
0.5
1
2
5
10
PULSE
Single pulse
PULSE WIDTH : Tw (ms)
Fig.5 Surge current characteristics
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01
µF
D.U.T.
5k
Ω
Fig. 6 Reverse recovery time (trr) measurement circuit
MCC
1SS133
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com