Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS136 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS136
Description  High Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS136 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS136 Datasheet HTML 1Page - Micro Commercial Components 1SS136 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS136
High Speed
Switching Diode
Features
•
High reliability.
•
High speed. (trr=2.0ns Max.)
•
Silicon epitaxial planar
Absolute maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Peak Reverse Voltage
75
V
VR
DC Reverse Voltage
65
V
IFM
Peak Forward Current
600
mA
IO
Mean Rectifying Current
200
mA
Isurge
Surge Current (1us)
4.0
A
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
VF
Forward Voltage
(IF=100mAdc)
---
1.0
Vdc
IR
Reverse Current
(VR=65Vdc)
---
0.5
uAdc
CT
Capacitance Between Terminals
(VR=0, f=1.0MHz)
---
3.0
pF
trr
Reverse Recovery Time
(VR=6.0Vdc, IF=10mAdc)
---
2.0
ns
Revision: A
2011/01/01
4





 
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.094
.118
2.40
3.00
B
.063
.079
1.60
2.00
C
.012
.020
0.30
0.50
D
1.102
1.181
28.00
30.00
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 2
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Moisture Sensitivity Level 1
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.


Similar Part No. - 1SS136

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS136 MCC-1SS136 Datasheet
283Kb / 2P
High Speed Switching Diode
logo
SUNMATE electronic Co.,...
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
More results

Similar Description - 1SS136

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com