Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S06 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S06
Description  High Sensing Accuracy Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S06 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S06 Datasheet HTML 1Page - Sharp Corporation GP1S06 Datasheet HTML 2Page - Sharp Corporation GP1S06 Datasheet HTML 3Page - Sharp Corporation GP1S06 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1S06
(Ta = 25˚C )
s Electro-optical Characteristics
- 25
0
25
50
75
100
0
10
20
30
40
50
60
85
- 25
0
25
50
75
100
0
20
40
60
85
80
100
120
75
0
0.5
1.0
1.5
2.0
1
2
10
20
100
200
2.5
3.0
5
50
500
25˚C
0˚C
- 25˚C
50˚C
Duty ratio
20
25
5
25
2
50
100
200
500
1 000
1 0000
2 000
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Fig. 3 Peak Forward Current vs. Duty Ratio
Fig. 4 Forward Current vs. Forward Voltage
T a= 25˚C
T a= 75˚C
Forward voltage V F ( V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM = 0.5A
-
3
4
V
Reverse current
IR
VR =3V
-
-
10
µ A
Output
Collector dark current
ICEO
VCE = 20V
-
Transfer
charac-
teristics
Collector Current
Ic
VCE = 5V, I F = 20mA
0.1
-
2.5
mA
Collector-emitter saturation voltage
VCE(sat)
IF = 40mA, I C =50
µ A
-
-
0.4
V
Response time
Rise time
t r
V CE = 2V, I C = 0.5mA, R L =1k
Ω
-38
90
µ s
Fall time
tf
-
48
110
µ s
Pulse width<=100
µ s
100
100
1nA
10 -3
10 -2
10 -1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com