Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S09 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S09
Description  Photointerrupter with Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S09 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S09 Datasheet HTML 1Page - Sharp Corporation GP1S09 Datasheet HTML 2Page - Sharp Corporation GP1S09 Datasheet HTML 3Page - Sharp Corporation GP1S09 Datasheet HTML 4Page - Sharp Corporation GP1S09 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(Ta = 25˚C )
s Electro-optical Characteristics
GP1S09
Parameter
Symbol
Conditions
Input
Forward voltage
V F
IF = 20mA
Peak forward voltage
V FM
IFM = 0.5A
Reverse current
IR
V R =3V
Output
Collector dark current
ICEO
V CE = 20V
Transfer
charac-
teristics
Collector-emitter saturation voltage
V CE(sat)
Response time
Rise time
t r
V CE = 2V, I C = 2mA, R L= 100
Ω
Fall time
tf
IF = 40mA, I C = 1mA
IF = 20mA, VCE =5V
- 25
0
25
50
75
100
0
10
20
30
40
50
60
- 25
0
25
50
75
100
0
20
40
60
80
75
0
0.5
1
1.5
2
1
2
10
20
100
200
2.5
3
5
50
500
25˚C
0˚C
- 25˚C
50˚C
Duty ratio
20
10 -2
10 -1
55
25
2
50
100
200
500
1000
2000
10
30
50
70
3.5
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature Ta (˚C)
Fig. 3 Peak Forward Current vs. Duty Ratio
Fig. 4 Forward Current vs. Forward Voltage
Ta = 25˚C
Forward voltage VF (V)
T a= 75˚C
MIN.
TYP.
MAX.
Unit
-
1.2
1.4
V
-3
4
V
--
10
µ A
-
- 9
- 7
A
0.5
-
1.5
mA
-
-
0.4
V
-3
15
µ s
-4
20
µ s
Pulse width <=100
µs
1 x 10
1 x 10
1
Collector Current
Ic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com