Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S22 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S22
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S22 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S22 Datasheet HTML 1Page - Sharp Corporation GP1S22 Datasheet HTML 2Page - Sharp Corporation GP1S22 Datasheet HTML 3Page - Sharp Corporation GP1S22 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Ta = 25˚C )
s Electro-optical Characteristics
GP1S21/GP1S22
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
Collector dark current
ICEO
V CE = 20V
-
-7
A
Transfer
charac-
teristics
-
µA
-
µA
Collector-emitter
saturation voltage
V CE(sat)
-
-
0.4
V
-
-
0.4
V
Response time
-
µ s
-
µ s
GP1S21
GP1S22
GP1S21
GP1S22
Rise time
Fall time
t r
tf
V CE = 5V, I F = 1.5mA
V CE = 5V, I F = 5mA
IF = 3mA, I C =27
µ A
IF = 10mA, I C =50
µ A
27
100
-
50
50
150
150
260
1300
IC = 0.1mA, V CE = 5V, R L =1k
Ω
- 25
0
25
50
75
100
0
10
20
30
40
50
60
- 25
0
25
50
75
100
0
20
40
60
80
0
0.5
1
1.5
2
1
2
10
20
100
200
2.5
3
5
50
500
25˚C
0˚C
- 25˚C
50˚C
3.5
85
100
120
02
0
0.2
1.6
1
1.0
1.4
1.2
0.4
0.6
0.8
10
3456789
1.8
2.0
85
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
P tot
P, P c
T a= 75˚C
Forward voltage VF (V)
Forward current I F ( mA )
GP1S21
GP1S22
Fig. 2 Power Dissipation vs.
Ambient Temperature
Fig. 3 Forward Current vs.
Forward Voltage
Fig. 4 Collector Current vs.
Forward Current
Fig. 1 Forward Current vs. Ambient
Temperature
VCE=5V
T a= 25˚C
1x 10
Collector Current
Ic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com