Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS404 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS404
Description  High Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS404 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS404 Datasheet HTML 1Page - Micro Commercial Components 1SS404 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS404
High Speed
Switching Diode
Features
•
High speed switching diode
•
Surface Mount
•
Fast Reverse Recovery Time: IR=50uA(max.)
•
Small Total Capacitance: CT=46pF(typ.)
•
Marking: S51
•
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
°C Unless Otherwise Specified
Maximum (peak) Reverse
Voltage
V
Reverse Voltage
Maximum (peak) Forward
Current
IFM
700
mA
Average Forward Current
IO
300
mA
Power Dissipation
PD
(1)
200
mW
Junction Temperature
Tj
150
°C
Storage Temp. Range
TSTG
-55 to +150
°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Typical Forward Voltage
VF
0.16V
0.22V
0.38V
IFM = 1.0mA;
IFM = 10mA;
IFM = 300mA;
Maximum Reverse
Current
IR
50uA
VR=20Volts
TJ = 25
°C
Typical Junction
Capacitance
CT
46pF
Measured at
1.0MHz, VR=0V
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD-323
TM
Micro Commercial Components
Mechanical Data
1 of 2
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. When mounted on a glass epoxy board PCB: 20mm x 20mm, with copper
pad 4mm x 4mm.
RM
25
V
R
20
V
V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - 1SS404

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
logo
Toshiba Semiconductor
1SS404 TOSHIBA-1SS404 Datasheet
120Kb / 3P
Silicon Epitaxial Schottky Barrier Type
logo
Galaxy Semi-Conductor H...
1SS404 BILIN-1SS404 Datasheet
145Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
logo
Rectron Semiconductor
1SS404 RECTRON-1SS404 Datasheet
137Kb / 3P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Luguang Electr...
1SS404 LUGUANG-1SS404 Datasheet
236Kb / 1P
Silicon Epitaxial Planar Diode
More results

Similar Description - 1SS404

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com