Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S50 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S50
Description  General Purpose Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S50 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S50 Datasheet HTML 1Page - Sharp Corporation GP1S50 Datasheet HTML 2Page - Sharp Corporation GP1S50 Datasheet HTML 3Page - Sharp Corporation GP1S50 Datasheet HTML 4Page - Sharp Corporation GP1S50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1S50/GP1S51V/GP1S52V/GP1S54
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
75
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*2 Soldering temperature
Tsol
260
˚C
s Absolute Maximum Ratings
(Ta = 25˚C )
*1 Pulse width<=100
µ s, Duty ratio= 0.01
*2 For 5 seconds
1
2
4
3
1 Anode
2 Cathode
3 Collector
4 Emitter
Internal connection diagram (Common to 4 models )
s Electro-optical Characteristics
(Ta = 25˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Output
Forward
voltage
GP1S50/ GP1S51V/ GP1S52V
VF
IF = 20mA
-
1.25
1.4
V
GP1S54
-
1.2
1.4
Peak forward voltage
VFM
IFM = 0.5A
-
3
4
V
Reverse current
I R
VR =3V
-
-
µ A
Transfer
charac-
teristics
Collector dark current
ICEO
VCE = 20V
-
IF = 20mA, VCE = 5V
0.5
-
5
mA
Collector-emitter saturation voltage
VCE ( sat )
IF = 40mA, I C = 0.5mA
-
-
0.4
V
Response time
Rise time
t R
VCE = 2V, I CE = 2mA
RL= 100
Ω
-3
15
µ s
Fall time
t F
-4
20
µ s
10
1
100
nA
Collector Current
Ic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com