Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S55 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S55
Description  Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S55 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S55 Datasheet HTML 1Page - Sharp Corporation GP1S55 Datasheet HTML 2Page - Sharp Corporation GP1S55 Datasheet HTML 3Page - Sharp Corporation GP1S55 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1S55T
(Ta = 25˚C )
s Electro-optical Characteristics
Input
Output
Transfer
charac-
teristics
- 25
0
25
50
75
85
100
0
10
20
30
40
50
60
- 25
0
25
50
75
85
100
0
20
40
60
80
100
120
75
500
200
100
50
20
52
52
5
Duty ratio
Pulse width<=100
µs
0
0.5
1
1.5
2
2.5
3
1
2
5
10
20
50
100
200
500
25˚C
0˚C
50˚C
Fig. 1 Forward Current vs.
Ambient Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Forward voltage V F
Ambient temperature T a
Ambient temperature Ta
T a= 25˚C
T a= 75˚C
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
- 25˚C
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
-
1.2
1.4
V
Peak forward voltage
-
3
4
V
Reverse current
-
-
10
µ A
Collector dark current
-
0.6
-
-
mA
Collector-emitter saturation
voltage
-
-
0.4
V
Response time
Rise time
-
5
25
µ s
Fall time
-
6
30
µ s
Parameter
IF =20mA
IFM =0.5A
VR =3V
VCE =20V
1F= 20mA, V CE =5V
VCE = 2V, I C= 2mA
RL= 100
Ω
IF= 40mA, I C= 0.6mA
Symbol
V F
V FM
I R
ICEO
VCE( sat )
t r
t r
10 - 2
10 - 1
(V)
1
100
nA
(˚C)
100
(˚C)
2000
1000
Collector Current
Ic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com