Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S59 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S59
Description  Horizontal Slit Type Photointerrper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S59 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S59 Datasheet HTML 1Page - Sharp Corporation GP1S59 Datasheet HTML 2Page - Sharp Corporation GP1S59 Datasheet HTML 3Page - Sharp Corporation GP1S59 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1S59
(Ta = 25˚C )
s Electro-optical Characteristics
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.25
1.4
V
Peak forward voltage
VFM
I-
3
4
V
Reverse current
IR
V R =3V
-
-
10
µ A
Output
ICEO
V CE = 20V
-
1
100
nA
Transfer
chara
cteristics
Collector current
IC
V CE = 5V, I F = 20mA
0.5
-
10.0
mA
Collector-emitter saturation voltage
VCE(sat)
IF = 40mA, I C = 0.5mA
-
-
0.4
V
Rise time
t r
V CE = 2V, I C = 2mA
RL = 100
Ω
-3
15
Fall time
tf
-4
20
Response time
µ s
µ s
- 25
0
25
50
75
100
0
10
20
30
40
50
60
85
- 25
0
25
50
75
100
0
20
40
60
85
80
100
120
75
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Ambient temperature T a (˚C)
Collector dark current
FM
0
0.5
1
1.5
2
1
2
10
20
100
200
2.5
3
5
50
500
25˚C
0˚C
- 25˚C
50˚C
20
55
25
2
50
100
200
500
1000
2000
3.5
Duty ratio
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
T a= 75˚C
Forward voltage V F (V)
T a= 25˚C
Pulse width <= 100
µ s
10-2
10-1
100
= 0.5A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com