Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S73 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S73
Description  Compact Photointerrupter with Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S73 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S73 Datasheet HTML 1Page - Sharp Corporation GP1S73 Datasheet HTML 2Page - Sharp Corporation GP1S73 Datasheet HTML 3Page - Sharp Corporation GP1S73 Datasheet HTML 4Page - Sharp Corporation GP1S73 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V F
-
1.2
1.4
V
V FM
-V
IR
--
10
µ A
ICEO
-
1
100
nA
IC
0.5
-
15
mA
V CE(sat)
--
V
tr
-3
15
µ s
tf
-4
20
µ s
(Ta=25˚C)
IF = 20mA
IFM =0.5A
V R =3V
V CE = 20V
V CE = 5V, IF = 20mA
IF = 40mA, I C = 0.5mA
VCE = 2V, IC = 2mA
RL = 100
Ω
- 25
0
25
50
100
0
10
20
30
40
50
60
- 25
0
25
50
75
100
0
20
40
60
80
75
20
55
25
2
50
100
200
500
1000
2000
10-2
10-1
75
85
1
Ta = 25˚C
Electro-optical Characteristics
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Conditions
Input
Output
Transfer
characteristics
Peak forward voltage
Reverse current
Dark current
Collector-emitter saturation voltage
Response time
Rise time
Fall time
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
Duty ratio
Pulse width <=100
µs
0.4
GP1S73P/GP1S74P
3.0
4.0
100
Fig. 3 Peak Forward Current vs. Duty Ratio
Fig. 4 Forward Current vs. Forward Voltage
Forward voltage V F (V)
15
Forward voltage
Collector current
85
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
2
5
10
20
50
0˚C
100
200
500
1000
Ta= 85˚C
50˚C
25˚C
- 25˚C
s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com