Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2A16 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2A16
Description  Visible Light Cut-off Type Photointerrupters with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A16 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2A16 Datasheet HTML 1Page - Sharp Corporation GP2A16 Datasheet HTML 2Page - Sharp Corporation GP2A16 Datasheet HTML 3Page - Sharp Corporation GP2A16 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP2A16/GP2A18F
( Unless otherwise specified, VCC= 5V, Ta= 25˚C)
Reflective object
90%
100%
tr
tf
Test Arrangement
Rotation
Rotation disk
Fig. 2 Vout waveform
Fig. 1 Vo Test Arrangement
GP2A16/GP2A18F
GP2A16/GP2A18F
2. Rotation frequency shall be 5Hz or less. Output shall not be DC.
d
s Electro-optical Characteristics
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Operating supply voltage
VCC
4.5
5.0
5.5
V
Dissipation current
ICC
Low level output voltage
VOL
-
0.2
0.4
V
High level output voltage
VOH
4.7
-
-
V
Rise time
t r
RL= 10k
Ω
-
-
2.0
ms
Fall time
tf
Parameter
∗6Response time
V CC= 5V, I OL
V CC= 5V, R L
-
-
2.0
ms
∗4 At detection
∗5 At non detection
Non detecting portion
Detecting portion
d
1. Rotation disk shall be
φ 40mm or more. And it is in accordance with above test arrangement.
d= 2.0 to 7.0mm using black artwork tape as the reflective object with no external disturbing light as shown in Fig.1 (GP2A16 )
d= 4.0 to 5.0mm using white PPC paper as the reflective object with no external disturbing light as shown in Fig.1 (GP2A18F)
GP2A16 )
d= 4.0 to 5.0mm using black artwork tape as the reflective object with no external disturbing light as shown in Fig.1 (GP2A18F)
∗6 Definition of response time: As shown in Fig.2
Ta=- 10 to + 70˚C
d= 11.0mm or more using black suede as the reflective object with no external disturbing light as shown in Fig.1 (
GP2A16
GP2A18F
GP2A16
GP2A18F
GP2A16
GP2A18F
V CC= 5V, R L
-27
50
mA
VCC= 5V, R L
-27
50
mA
=,
∗4
-
=,
∗5
VCC= 5V, I OL= 3mA,
∗4
= 3mA,
∗5
= 10k
Ω , ∗5
V CC= 5V, R L= 10k
Ω , ∗4
4.7
0.2
-
0.4
-
V
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com