Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D03 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2D03
Description  Paper Size Sensor System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D03 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2D03 Datasheet HTML 1Page - Sharp Corporation GP2D03 Datasheet HTML 2Page - Sharp Corporation GP2D03 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GP2D03
0
10203040506070
0
50
100
150
200
Draft
Glass
H=
Distance Characteristics of GP2D03
r
60mm
19mm
Paper rised size to the glass surface
r( mm )
Gray
White
Draft
Reflectivity
White
90%
Gray
18%
( Gray chart R-27
mode by kodak
co. ltd )
q Please refer to the chapter “ Precautions for Use ”



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com