Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XS2F-M12PVC4A2M Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # XS2F-M12PVC4A2M
Description  Round Water-resistant Connectors (M12)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4A2M Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button XS2F-M12PVC4A2M Datasheet HTML 9Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 10Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 11Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 12Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 13Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 14Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 15Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 16Page - Omron Electronics LLC XS2F-M12PVC4A2M Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Round Water-resistant Connectors (M12)
XS2
151
■ XS2M - Plugs
Dimensions
(Unit: mm)
Connectors for Embedding in Sensors
■ XS2M - Plugs
Dimensions
(Unit: mm)
21 min.
14±0.1
14±0.1
10
+1
0
Four,
3.2 dia.
3.2 dia.
2.5 dia.
9.4 dia.
16
0.7
6.5
M12
Rubber bushing
1.5
10.5 dia.
5 dia.
45
°
14
20
14
20
10
21
XS2M-D423
(Flange-mounting Model)
Panel Cutouts
24 min.
7
+0.2
0
16
+0.3
0
dia.
24 min.
5
5
Land
Four,
2.2-dia. holes
17
5 dia.
20 dia.
16 dia.
1.5
2 dia.
Rubber bushing
Panel
M16
× 1
M12
× 1
6.5
6.8
8.7
27.7
3
2.5
9
3.5
1.5
7
XS2M-D424-1 (With PCB Pins)
XS2M-D424-2 (With Solder Cup Pins)
(Screw-mounting Model)
Panel Cutouts
Note: The panel thickness is 1 to 4 mm.
PCB-mounting Dimensions
10.5 dia.
45
°
5 dia.
9.4 dia.
8 dia.
M12
6.5
O-ring
16
10
1.2
4
0.7
9.45
+0.05
−0
dia.
6.7 min.
Resin
filled
XS2M-D421
(Embedded Plug with Screw Threads)
Mounted Dimensions
Note: After mounting, anchor the solder
cups by injecting resin.
1.5
6.5
M12
× 1
15.7 min.
Resin
filled
9.45
+0.05
−0
dia.
10.5 dia.
45
°
5 dia.
9.4 dia.
9.6 dia. O-ring
16
10.8
1.2
0.7
XS2M-D422
(Embedded Plug without Screw Threads)
Mounted Dimensions
Note: After mounting, anchor the solder
cups by injecting resin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com