Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4401 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 4401
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

4401 Datasheet(HTML) 2 Page - Micro Commercial Components

  4401 Datasheet HTML 1Page - Micro Commercial Components 4401 Datasheet HTML 2Page - Micro Commercial Components 4401 Datasheet HTML 3Page - Micro Commercial Components 4401 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N4401
DC Current Gain vs Collector Current
hFE
IC (mA)
60
120
180
240
300
360
1
10
100
1000
Base-Emitter ON Voltage vs
Collector Current
VBE(ON) - (V)
IC - (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
Collector-Emitter Saturation
Volatge vs Collector Current
Base-Emitter Saturation
Voltage vs Collector Current
VCE(SAT) - (V)
VBE(SAT) - (V)
0
.04
.08
.12
.16
.20
.24
1.0
10
100
1000
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.0
10
100
1000
IC - (mA)
IC - (mA)
Collector-Base Diode Reverse
Current vs Temperature
ICBO - (mA)
TJ - (
°C)
0.1
1.0
10
100
0
25
50
75
100
125
150
VCB = 20V
IC/IB = 10
TA = 25
°C
IC/IB = 10
TA = 25
°C
VCE = 10V
VCE = 10V
TA = 25
°C
TA = 125
°C
Input Capacitance vs
Reverse Bias Voltage
Volts - (V)
pF
0
8
16
24
32
40
0.1
1.0
10
Ceb
f = 1MHz
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com