Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-1.8-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP151AUJZ-1.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-1.8-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP151AUJZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP151AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADP151
Rev. D | Page 3 of 24
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
V
IN
T
J = −40°C to +125°C
2.2
5.5
V
OPERATING SUPPLY CURRENT
I
GND
I
OUT = 0 µA
10
µA
I
OUT = 0 µA, TJ = −40°C to +125°C
20
µA
I
OUT = 100 µA
20
µA
I
OUT = 100 µA, TJ = −40°C to +125°C
40
µA
I
OUT = 10 mA
60
µA
I
OUT = 10 mA, TJ = −40°C to +125°C
90
µA
I
OUT = 200 mA
265
μA
I
OUT = 200 mA, TJ = −40°C to +125°C
350
μA
SHUTDOWN CURRENT
I
GND-SD
EN = GND
0.2
µA
EN = GND, T
J = −40°C to +125°C
1.0
µA
OUTPUT VOLTAGE ACCURACY
V
OUT
I
OUT = 10 mA
−1
+1
%
TSOT/LFCSP
V
OUT
T
J = −40°C to +125°C
V
OUT < 1.8 V
100 µA < I
OUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V
−3
+2
%
V
OUT ≥1.8 V
100 µA < I
OUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V
−2.5
+1.5
%
WLCSP
V
OUT
T
J = −40°C to +125°C
V
OUT < 1.8 V
100 µA < I
OUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V
−2.5
+2
%
V
OUT ≥1.8 V
100 µA < I
OUT < 200 mA, VIN = (VOUT + 0.4 V) to 5.5 V
−2
+1.5
%
REGULATION
Line Regulation
∆V
OUT/∆VIN
V
IN = (VOUT + 0.4 V) to 5.5 V, TJ = −40°C to +125°C
−0.05
+0.05
%/V
Load Regulation (TSOT/LFCSP)1
∆V
OUT/∆IOUT
V
OUT < 1.8 V
%/mA
I
OUT = 100 µA to 200 mA
0.006
%/mA
I
OUT = 100 µA to 200 mA, TJ = −40°C to +125°C
0.012
%/mA
V
OUT ≥ 1.8 V
I
OUT = 100 µA to 200 mA
0.003
%/mA
I
OUT = 100 µA to 200 mA, TJ = −40°C to +125°C
0.008
%/mA
Load Regulation (WLCSP)1
∆V
OUT/∆IOUT
V
OUT < 1.8 V
%/mA
I
OUT = 100 µA to 200 mA
0.004
%/mA
I
OUT = 100 µA to 200 mA, TJ = −40°C to +125°C
0.009
%/mA
V
OUT ≥1.8 V
I
OUT = 100 µA to 200 mA
0.002
%/mA
I
OUT = 100 µA to 200 mA, TJ = −40°C to +125°C
0.006
%/mA
DROPOUT VOLTAGE2
V
DROPOUT
I
OUT = 10 mA
10
mV
I
OUT = 10 mA, TJ = −40°C to +125°C
30
mV
TSOT/LFCSP
I
OUT = 200 mA
150
mV
I
OUT = 200 mA, TJ = −40°C to +125°C
230
mV
WLCSP
I
OUT = 200 mA
135
mV
I
OUT = 200 mA, TJ = −40°C to +125°C
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com