Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S09 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S09
Description  Subminiature Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S09 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S09 Datasheet HTML 1Page - Sharp Corporation GP2S09 Datasheet HTML 2Page - Sharp Corporation GP2S09 Datasheet HTML 3Page - Sharp Corporation GP2S09 Datasheet HTML 4Page - Sharp Corporation GP2S09 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GP2S09/GP2S24/GP2S26/GP2S27
- 25
0
25
50
75
85
100
0
10
20
30
40
50
60
025
-25
0
20
40
60
120
50
100
75
80
100
85
0
0.5
1
1.5
2
2.5
3
1
2
5
10
20
50
100
200
500
25˚C
0˚C
50˚C
510
15
25
30
0
0
100
200
300
400
500
600
700
20
025
-25
0
20
40
60
80
100
120
50
100
75
24
6
8
10
0
0
50
100
150
200
250
300
350
12
4mA
2mA
7mA
10mA
25˚C
Fig. 1 Forward Current vs.
Ambient Temperature
Fig. 5 Collector Current vs.
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Forward voltage V F ( V)
- 25˚C
Forward current I F ( mA )
Collector-emitter voltage V CE ( V)
Ambient temperature T a (˚C)
Collector-Emitter Voltage
Fig. 3 Forward Current vs.
Forward Voltage
Forward Current
Fig. 2 Power Dissipation vs.
Ambient Temperature
Ambient Temperature
Fig. 4 Collector Current vs.
Fig. 6 Relatlve Collector Current vs.
Ta = 75˚C
IF = 15mA
IF = 4mA
VCE =2V
V CE =2V
Ta = 25˚C
P tot
P, P C
T a =



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com