Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S26 Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2S26
Description  Subminiature Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S26 Datasheet(HTML) 5 Page - Sharp Corporation

  GP2S26 Datasheet HTML 1Page - Sharp Corporation GP2S26 Datasheet HTML 2Page - Sharp Corporation GP2S26 Datasheet HTML 3Page - Sharp Corporation GP2S26 Datasheet HTML 4Page - Sharp Corporation GP2S26 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GP2S09/GP2S24/GP2S26/GP2S27
-2
0
2
4
80
100
40
60
20
0
6
-1
1
3
5
1k
Ω
0
-5
-10
-15
-20
2
5
2
5
2
5
600
700
800
900
1000
1200
80
100
40
60
20
0
1100
Al evaporated glass
d
Correspond to Fig.11
OMS card
L= 0
d
+
White
Lmm
Test condition
d = 1mm
--
d = 1mm
Test condition
Lmm
White
+
d
L= 0
OMS card
Correspond to Fig.12
Black
Black
-20
-15
-10
-5
0
Frequency f ( Hz )
1k
Ω
Fig.12 Relative Collector Current vs.
Card moving distance L ( mm )
d= 1mm
Frequency f ( Hz )
VCE = 2V
IF = 4mA
VCE= 2V
IF = 4mA
(GP2S09)
(GP2S24/ GP2S26/ GP2S27)
Wavelength
λ (nm )
Card Moving Distance ( 2 )
Characteristics (EX : GP2S24 )
Test Condition for Distance & Detecting Position
Fig.13-a Frequency Response
Fig.13-b Frequency Response
102
103
104
105
Fig.14 Spectral Sensitivity
( Detecting Side)
I F = 4mA
V CE =2V
Ta = 25˚C
RL = 10kΩ
Ta = 25˚C
RL = 10kΩ
V CE =2V
IC = 100µ A
Ta = 25˚C
V CE =2V
IC = 100 µA
Ta = 25˚C
Correspond to Fig.10
102
103
104
105
106
q
Please refer to the chapter “ Precautions for Use ” .



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com