Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S28 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S28
Description  Long Focal Distance, Case Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S28 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S28 Datasheet HTML 1Page - Sharp Corporation GP2S28 Datasheet HTML 2Page - Sharp Corporation GP2S28 Datasheet HTML 3Page - Sharp Corporation GP2S28 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2S28
25
20
200
100
50
500
1000
2000
25
25
Fig. 3 Peak Forward Current vs.
Duty Ratio
10-3
10-2
10-1
100
Duty ratio
500
200
100
50
20
10
5
2
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1
0
Forward voltage V F (V)
Forward Voltage
Fig. 4 Forward Current vs.
Forward current I F ( mA )
0
0
0.2
0.4
0.6
0.8
1.0
Fig. 5 Collector-current vs.
Forward Currnt
6
121824303642485460
0
0.2
0.4
0.6
0.8
1.0
02468
10
T a= 25˚C
IF = 60mA
CE ( V )
0.15
0.1
0.05
0.2
0.25
Fig. 7 Collector Current vs.
Ambient Temperature
- 25
0
25
75
50
Ambient temperature T a (˚C)
10 -7
10 -8
10 -9
10 -10
0
255075
100
2
5
2
5
2
5
2
5
Ambient Temperature
10 -6
-25
V CE = 20V
Ambient temperature T a (˚C)
Fig. 8 Collector Dark Current vs.
(Pulse
width<=100
µ s
V CE=5V
T a= 25˚C
Ta= 25˚C )
25˚C
0˚C
50˚C
T a= 75˚C
60
Collector-emitter Voltage
50mA
40mA
30mA
20mA
10mA
Collector-emitter voltage V
100
- 20˚C
Fig. 6 Collector Current vs.
VCE=5V
IF=20mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com