Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S30 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S30
Description  Long Focal Distance Type Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S30 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S30 Datasheet HTML 1Page - Sharp Corporation GP2S30 Datasheet HTML 2Page - Sharp Corporation GP2S30 Datasheet HTML 3Page - Sharp Corporation GP2S30 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2S30
04
8
12
16
80
100
40
60
20
0
20
Reflective object:PPC paper( White)
d
-5
0
80
100
40
60
20
0
5
Reflective object:PPC paper (White )
Art work tape (black )
L
0
d
+
-
-
+
d
0
L
Art work tape (black )
Reflective object:PPC paper (White )
5
0
20
60
40
100
80
0
-5
Recommended Mounting Holes (mm)
Mounting Method
7.4
5.3
Recommended Mounting Holes
5.3
5.3
Fig. 5 Relative Output Voltage vs.
Detecting Distance
Fig. 6 Relative Collector Voltage vs.
Fig. 7 Relative Collector Voltage vs.
Distance between GP2S30 and reflector d (mm)
Board thickness 1.6
+ 0.17
- 0.12 mm
Board thickness 1.2
+ 0.17
- 0.12 mm
Board thickness 1.0
+ 0.17
- 0.12 mm
Reflector Moving Distance (1)
Reflector moving distance L ( mm )
Reflector Moving Distance (2)
Reflector moving distance L ( mm )
VCC =5V
VCE= 5V, d= 5mm
VCC= 5V, d= 5mm
7.3
7.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com