Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2U05 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2U05
Description  Particulate Detectable High Sensitivity Type Dust Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2U05 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2U05 Datasheet HTML 1Page - Sharp Corporation GP2U05 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP2U05
Internal Block Diagram
(Note) Signal GND : GND of circuit system
Frame GND : Connect to the case (conductive resin).
The signal GND is not connected to the frame GND in the case
Fig. 1 Output Voltage vs. Dust Concentration
Fig. 2 Output Voltage vs. Supply Voltage
Fig. 3 Output Voltage vs. Ambient Temperature
Detection window
Dust
Detector
circuit
Emitter
circuit
Amp.
circuit
Amp.
circuit
Peak hold
circuit
Drive
circuit
Sensitivity adjustment
Vcc
LED drive terminal
Output terminal (Vo)
Signal GND
Frame GND
5
3
2
1
4
Supply voltage Vcc (V)
0.5
1
1.5
2.5
3
3.5
4
4.5
10
11
12
13
14
15
No-dust state
State with reflective object inserted from
sensor outside and output voltage set to
Vo=3.5V (at Vcc=12V)(equivalent to
dust concentration of about 0.24 mg/m3)
Ambient temperature Ta (˚C )
0.5
1
1.5
2.5
3
3.5
- 10
0
10
20
30
40
50
60
State with reflective object inserted from
sensor outside and output voltage set to
Vo=3.6V (at Ta=25˚C)(equivalent to
dust concentration of about 0.22 mg/m3)
No-dust state
Dust concentration (mg/m )
3
12
10
8
6
4
2
0
0.2
0.4
0.6
0.8
1.0
Conditions :
Per Electro-optical
Characteristics
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com