Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2U06 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2U06
Description  High Sensitivity Dust Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2U06 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2U06 Datasheet HTML 1Page - Sharp Corporation GP2U06 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP2U06
Tec.U970502
Conditions
MIN.
TYP.
MAX.
Unit
Detecting sensitivity
K
*1, 2
V/(0.1mg/m3
)
Output voltage (no dust)
*2
V
Range of output voltage
VOH
RL=4.7k
Ω
LED operating current
mA
Dissipation current
mA
VOC
ILED
ICC
0
3.2
0.5
0.35
0.65
0.5
15
10
1.0
20
15
V
LED terminal=0V *2
RL=
*2
Input condition to LED terminal
Recommended input conditions to LED terminal
Vcc
R1
R3
C1
R2
R4
Tr
LED
+
GP2U06
2
T=30ms
T=30±5ms
PW=0.4±0.1ms
Pw=0.4ms
Detecting window
Dust
Photodiode
circuit
Emitting
circuit
Amp.
Amp.
Peak hold
circuit
Operation
circuit
Sensitivity adjustment
Vcc
Output terminal(Vo)
GND
3
2
1
4
Emitting device
Operating terminal
Parameter
Symbol
Electro-optical Characteristics
Block Diagram
(Ta=25˚C, Vcc=5V)
High Sensitivity Dust Sensor
-
-
-
-
As of May 1997
*1 • Dust density is measured by mildseven smoke density, using digital dust meter [P-5L2 made by
SHIBATA scientific instrumental industry].
• Detecting sensitivity is settled according to the change of output voltage when dust density change
0.1mg/m3 from the initial value.
*2 Input conditions to LED terminal (pulse operation condition) is shown in the right figure.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com