Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0002YP Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 2 Page - Sharp Corporation

  GP2W0002YP Datasheet HTML 1Page - Sharp Corporation GP2W0002YP Datasheet HTML 2Page - Sharp Corporation GP2W0002YP Datasheet HTML 3Page - Sharp Corporation GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GP2W0001YP/GP2W0002YP
Low Power Infrared Transceiver
2
Technical Information
Figure 1. GP2W0001YP Outline Dimensions
Figure 2. GP2W0002YP (with Shielding Case) Outline Dimensions
1.1
TRANSMITTER
CENTER
RECEIVER
CENTER
φ2.8
φ3.6
2.0
0.8
0.7
1.4
7.0
2.95
4.2
8.7
2.325
NOTES:
1. Dimensions are in mm.
2. Unspecified tolerances are ±0.3 mm.
3. Resin burrs are not included in this
outline dimension drawing.
4. Package material: Visible light
cut-off resin (Color: black)
5. Weight: Approximately 0.12 g
6. Pin assignment: See Figure 5 and Table 1.
GP2W0001YP-20
1.1
10.2
4.2
9.2
2.95
0.8
1.4
0.7
7.0
2.325
RECEIVER
CENTER
φ3.6
TRANSMITTER
CENTER
φ2.8
GP2W0001YP-21
NOTES:
1. Dimensions are in mm.
2. Unspecified tolerances are ±0.3 mm.
3. Resin burrs are not included in this
outline dimension drawing.
4. Package material: Visible light
cut-off resin (Color: black)
5. Weight: Approximately 0.12 g
6. Pin assignment: See Figure 5 and Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com